Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 9Page - Cypress Semiconductor MB91F469GA Datasheet HTML 10Page - Cypress Semiconductor MB91F469GA Datasheet HTML 11Page - Cypress Semiconductor MB91F469GA Datasheet HTML 12Page - Cypress Semiconductor MB91F469GA Datasheet HTML 13Page - Cypress Semiconductor MB91F469GA Datasheet HTML 14Page - Cypress Semiconductor MB91F469GA Datasheet HTML 15Page - Cypress Semiconductor MB91F469GA Datasheet HTML 16Page - Cypress Semiconductor MB91F469GA Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 12 of 146
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
L2
86
P08_6
I/O
A
General-purpose input/output port
BRQ
External bus release request input pin
M2
87
P07_2
I/O
A
General-purpose input/output port
A2
Signal pin of external address bus (bit2)
N2
88
P07_6
I/O
A
General-purpose input/output port
A6
Signal pin of external address bus (bit6)
P2
89
P06_1
I/O
A
General-purpose input/output port
A9
Signal pin of external address bus (bit9)
R2
90
P06_5
I/O
A
General-purpose input/output port
A13
Signal pin of external address bus (bit13)
T2
91
P05_0
I/O
A
General-purpose input/output port
A16
Signal pin of external address bus (bit16)
U2
92
P05_4
I/O
A
General-purpose input/output port
A20
Signal pin of external address bus (bit20)
V2
93
P05_7
I/O
A
General-purpose input/output port
A23
Signal pin of external address bus (bit23)
W2
94
P04_2
I/O
A
General-purpose input/output port
A26
Signal pin of external address bus (bit26)
W3
95
P03_0
I/O
A
General-purpose input/output port
D0
Signal pin of external data bus (bit0)
W4
96
P03_3
I/O
A
General-purpose input/output port
D3
Signal pin of external data bus (bit3)
W5
97
P03_7
I/O
A
General-purpose input/output port
D7
Signal pin of external data bus (bit7)
W6
98
P02_2
I/O
A
General-purpose input/output port
D10
Signal pin of external data bus (bit10)
W7
99
P02_6
I/O
A
General-purpose input/output port
D14
Signal pin of external data bus (bit14)
W8
100
P01_1
I/O
A
General-purpose input/output port
D17
Signal pin of external data bus (bit17)
W9
101
P01_5
I/O
A
General-purpose input/output port
D21
Signal pin of external data bus (bit21)
W10
102
P00_0
I/O
A
General-purpose input/output port
D24
Signal pin of external data bus (bit24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com