Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB91F469GA Datasheet HTML 1Page - Cypress Semiconductor MB91F469GA Datasheet HTML 2Page - Cypress Semiconductor MB91F469GA Datasheet HTML 3Page - Cypress Semiconductor MB91F469GA Datasheet HTML 4Page - Cypress Semiconductor MB91F469GA Datasheet HTML 5Page - Cypress Semiconductor MB91F469GA Datasheet HTML 6Page - Cypress Semiconductor MB91F469GA Datasheet HTML 7Page - Cypress Semiconductor MB91F469GA Datasheet HTML 8Page - Cypress Semiconductor MB91F469GA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
MB91F469GA/F469GB
FR60 MB91460G Series,
32-bit Microcontroller Datasheet
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04606 Rev. *A
Revised April 20, 2016
MB91460G series is a line of general-purpose 32-bit RISC microcontrollers designed for embedded control applications which
require high-speed real-time processing, such as consumer devices and on-board vehicle systems. This series uses the FR60 CPU,
which is compatible with the FR family of CPUs.
This series contains the LIN-USART and CAN controllers.
Features
FR60 CPU core
■ 32-bit RISC, load/store architecture, five-stage pipeline
■ 16-bit fixed-length instructions (basic instructions)
■ Instruction execution speed: 1 instruction per cycle
■ Instructions including memory-to-memory transfer, bit manip-
ulation, and barrel shift instructions: Instructions suitable for
embedded applications
■ Function entry/exit instructions and register data multi-load
store instructions: Instructions supporting C language
■ Register interlock function: Facilitating assembly-language
coding
■ Built-in multiplier with instruction-level support
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
■ Interrupts (save PC/PS): 6 cycles (16 priority levels)
■ Harvard architecture enabling program access and data
access to be performed simultaneously
■ Instructions compatible with the FR family
Internal Peripheral Resources
■ General-purpose ports : Maximum 205 ports
■ DMAC (DMA Controller)
Maximum of 5 channels able to operate simultaneously
(including 2 external channels)
3 transfer sources (external pin/internal peripheral/software)
Activation source can be selected using software
Addressing mode specifies full 32-bit addresses
(increment/decrement/fixed)
Transfer mode (demand transfer/burst transfer/step
transfer/block transfer)
Fly-by transfer support (between external I/O and memory)
Transfer data size selectable from 8/16/32-bit
Multi-byte transfer enabled (by software)
DMAC descriptor in I/O areas (200H to 240H, 1000H to 1024H)
■ A/D converter (successive approximation type)
10-bit resolution: 32 channels
Conversion time: minimum 1
s
■ External interrupt inputs : 16 channels
12 channels shared with CAN RX, I2C SDA or I2C SCL pins
■ Bit search module (for REALOS)
Function to search from the MSB (most significant bit) for the
position of the first “0”, “1”, or changed bit in a word
■ LIN-USART (full duplex double buffer): 8 channels, 4 channels
with FIFO
Clock synchronous/asynchronous selectable
Sync-break detection
Internal dedicated baud rate generator
■ I2C bus interface (supports 400 kbps): 4 channel
■ Master/slave transmission and reception
■ Arbitration function, clock synchronization function
■ CAN controller (C-CAN): 6 channels
■ Maximum transfer speed: 1 Mbps
■ 128 transmission/reception message buffers
■ Sound generator: 1 channelTone frequency: PWM frequency
divide-by-two (reload value + 1)
■ Alarm comparator: 2 channelsMonitor external voltage
Generate an interrupt in case of voltage lower/higher than the
defined thresholds (reference voltage)
■ 16-bit PPG timer: 16 channels
■ 16-bit PFM timer: 1 channel
■ 16-bit reload timer: 8 channels
■ 16-bit free-run timer: 8 channels (1 channel each for ICU and
OCU)
■ Input capture: 8 channels (operates in conjunction with the
free-run timer)
■ Output compare: 8 channels (operates in conjunction with the
free-run timer)
■ Up/Down counter: 4 channels (4*8-bit or 2*16-bit)
■ Watchdog timer
■ Real-time clock
■ Low-power consumption modes: Sleep/stop mode function
■ Low voltage detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com