Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 10Page - Cypress Semiconductor MB91F469GA Datasheet HTML 11Page - Cypress Semiconductor MB91F469GA Datasheet HTML 12Page - Cypress Semiconductor MB91F469GA Datasheet HTML 13Page - Cypress Semiconductor MB91F469GA Datasheet HTML 14Page - Cypress Semiconductor MB91F469GA Datasheet HTML 15Page - Cypress Semiconductor MB91F469GA Datasheet HTML 16Page - Cypress Semiconductor MB91F469GA Datasheet HTML 17Page - Cypress Semiconductor MB91F469GA Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 13 of 146
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
W11
103
P00_4
I/O
A
General-purpose input/output port
D28
Signal pin of external data bus (bit28)
W12
104
P10_1
I/O
A
General-purpose input/output port
ASX
Address strobe output pin
W13
105
P10_0
I/O
A
General-purpose input/output port
SYSCLK
Clock output pin for external bus
W14
106
P10_5
I/O
A
General-purpose input/output port
MCLKI
Clock input pin for memory
W15
107
TDO
O
O
Boundary Scan Test Data Out pin
W16
108
TDI
I
H
Boundary Scan Test Data In pin
W17
109
TRST
I
I
Boundary Scan Test Reset pin
W18
110
P21_2
I/O
A
General-purpose input/output port
SCK0
Clock input/output pin of USART0
CK0
External clock input pin of free-run timer 0
W19
111
P21_1
I/O
A
General-purpose input/output port
SOT0
Data output pin of USART0
V19
112
P21_5
I/O
A
General-purpose input/output port
SOT1
Data output pin of USART1
U19
113
P20_1
I/O
A
General-purpose input/output port
SOT2
Data output pin of USART2
BIN0
Up/down counter input pin
T19
114
X0A
---
J2
Sub clock (oscillation) input
R19
115
P19_1
I/O
A
General-purpose input/output port
SOT4
Data output pin of USART4
P19
116
P19_4
I/O
A
General-purpose input/output port
SIN5
Data input pin of USART5
N19
117
P18_0
I/O
A
General-purpose input/output port
SIN6
Data input pin of USART6
AIN2
Up/down counter input pin
M19
118
X0
---
J1
Clock (oscillation) input
L19
119
P17_0
I/O
A
General-purpose input/output port
PPG0
Output pin of PPG timer
K19
120
P17_3
I/O
A
General-purpose input/output port
PPG3
Output pin of PPG timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com