Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 45Page - Cypress Semiconductor MB95F856K Datasheet HTML 46Page - Cypress Semiconductor MB95F856K Datasheet HTML 47Page - Cypress Semiconductor MB95F856K Datasheet HTML 48Page - Cypress Semiconductor MB95F856K Datasheet HTML 49Page - Cypress Semiconductor MB95F856K Datasheet HTML 50Page - Cypress Semiconductor MB95F856K Datasheet HTML 51Page - Cypress Semiconductor MB95F856K Datasheet HTML 52Page - Cypress Semiconductor MB95F856K Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 49 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
0x0E2A
REFDLY
TS reference delay setting register
R/W
0b00000000
0x0E2B to 0x0E2F
—
(Disabled)
—
—
0x0E30
ALPH0
TS alpha value setting register ch. 0
R/W
0b00001000
0x0E31
ALPH1
TS alpha value setting register ch. 1
R/W
0b00001000
0x0E32
ALPH2
TS alpha value setting register ch. 2
R/W
0b00001000
0x0E33
ALPH3
TS alpha value setting register ch. 3
R/W
0b00001000
0x0E34
ALPH4
TS alpha value setting register ch. 4
R/W
0b00001000
0x0E35
ALPH5
TS alpha value setting register ch. 5
R/W
0b00001000
0x0E36
ALPH6
TS alpha value setting register ch. 6
R/W
0b00001000
0x0E37
ALPH7
TS alpha value setting register ch. 7
R/W
0b00001000
0x0E38
ALPH8
TS alpha value setting register ch. 8
R/W
0b00001000
0x0E39
ALPH9
TS alpha value setting register ch. 9
R/W
0b00001000
0x0E3A
ALPH10
TS alpha value setting register ch. 10
R/W
0b00001000
0x0E3B
ALPH11
TS alpha value setting register ch. 11
R/W
0b00001000
0x0E3C to 0x0E3F
—
(Disabled)
—
—
0x0E40
BETA
TS beta value setting register
R/W
0b00000100
0x0E41 to 0x0E4F
—
(Disabled)
—
—
0x0E50
STRTH0
TS touch strength threshold setting register ch. 0
R/W
0b00000001
0x0E51
STRTH1
TS touch strength threshold setting register ch. 1
R/W
0b00000001
0x0E52
STRTH2
TS touch strength threshold setting register ch. 2
R/W
0b00000001
0x0E53
STRTH3
TS touch strength threshold setting register ch. 3
R/W
0b00000001
0x0E54
STRTH4
TS touch strength threshold setting register ch. 4
R/W
0b00000001
0x0E55
STRTH5
TS touch strength threshold setting register ch. 5
R/W
0b00000001
0x0E56
STRTH6
TS touch strength threshold setting register ch. 6
R/W
0b00000001
0x0E57
STRTH7
TS touch strength threshold setting register ch. 7
R/W
0b00000001
0x0E58
STRTH8
TS touch strength threshold setting register ch. 8
R/W
0b00000001
0x0E59
STRTH9
TS touch strength threshold setting register ch. 9
R/W
0b00000001
0x0E5A
STRTH10
TS touch strength threshold setting register ch. 10
R/W
0b00000001
0x0E5B
STRTH11
TS touch strength threshold setting register ch. 11
R/W
0b00000001
0x0E5C to 0x0E5F
—
(Disabled)
—
—
0x0E60
STR0
TS touch strength register ch. 0
R
0bXXXXXXXX
0x0E61
STR1
TS touch strength register ch. 1
R
0bXXXXXXXX
0x0E62
STR2
TS touch strength register ch. 2
R
0bXXXXXXXX
0x0E63
STR3
TS touch strength register ch. 3
R
0bXXXXXXXX
0x0E64
STR4
TS touch strength register ch. 4
R
0bXXXXXXXX
0x0E65
STR5
TS touch strength register ch. 5
R
0bXXXXXXXX
0x0E66
STR6
TS touch strength register ch. 6
R
0bXXXXXXXX
0x0E67
STR7
TS touch strength register ch. 7
R
0bXXXXXXXX
0x0E68
STR8
TS touch strength register ch. 8
R
0bXXXXXXXX
0x0E69
STR9
TS touch strength register ch. 9
R
0bXXXXXXXX
Address
Register
abbreviation
Register name
R/W
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com