Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 24Page - Cypress Semiconductor MB95F856K Datasheet HTML 25Page - Cypress Semiconductor MB95F856K Datasheet HTML 26Page - Cypress Semiconductor MB95F856K Datasheet HTML 27Page - Cypress Semiconductor MB95F856K Datasheet HTML 28Page - Cypress Semiconductor MB95F856K Datasheet HTML 29Page - Cypress Semiconductor MB95F856K Datasheet HTML 30Page - Cypress Semiconductor MB95F856K Datasheet HTML 31Page - Cypress Semiconductor MB95F856K Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 28 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
7.3 Precautions for Use Environment
Reliability of semiconductor devices depends on ambient temperature and other conditions as described above.
For reliable performance, do the following:
❐ Humidity: Prolonged use in high humidity can lead to leakage in devices as well as printed circuit boards. If high humidity levels
are anticipated, consider anti-humidity processing.
❐ Discharge of Static Electricity: When high-voltage charges exist close to semiconductor devices, discharges can cause abnormal
operation. In such cases, use anti-static measures or processing to prevent discharges.
❐ Corrosive Gases, Dust, or Oil: Exposure to corrosive gases or contact with dust or oil may lead to chemical reactions that will
adversely affect the device. If you use devices in such conditions, consider ways to prevent such exposure or to protect the devices.
❐ Radiation, Including Cosmic Radiation: Most devices are not designed for environments involving exposure to radiation or cosmic
radiation. Users should provide shielding as appropriate.
❐ Smoke, Flame:
Caution: Plastic molded devices are flammable, and therefore should not be used near combustible substances. If devices begin to
smoke or burn, there is danger of the release of toxic gases.
Customers considering the use of Cypress products in other special environmental conditions should consult with sales representa-
tives.
8. Notes on Device Handling
■ Preventing latch-ups
When using the device, ensure that the voltage applied does not exceed the maximum voltage rating.
In a CMOS IC, if a voltage higher than VCC or a voltage lower than VSS is applied to an input/output pin that is neither a
medium-withstand voltage pin nor a high-withstand voltage pin, or if a voltage out of the rating range of power supply voltage mentioned
in “Absolute Maximum Ratings” of Electrical Characteristics on page 135 is applied to the VCC pin or the VSS pin, a latch-up may occur.
When a latch-up occurs, power supply current increases significantly, which may cause a component to be thermally destroyed.
■ Stabilizing supply voltage
Supply voltage must be stabilized.
A malfunction may occur when power supply voltage fluctuates rapidly even though the fluctuation is within the guaranteed operating
range of the VCC power supply voltage.
As a rule of voltage stabilization, suppress voltage fluctuation so that the fluctuation in VCC ripple (p-p value) at the commercial
frequency (50 Hz/60 Hz) does not exceed 10% of the standard VCC value, and the transient fluctuation rate does not exceed 0.1 V/ms
at a momentary fluctuation such as switching the power supply.
■ Notes on using the external clock
When an external clock is used, oscillation stabilization wait time is required for power-on reset, wake-up from subclock mode or stop
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com