Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB95F856K Datasheet HTML 1Page - Cypress Semiconductor MB95F856K Datasheet HTML 2Page - Cypress Semiconductor MB95F856K Datasheet HTML 3Page - Cypress Semiconductor MB95F856K Datasheet HTML 4Page - Cypress Semiconductor MB95F856K Datasheet HTML 5Page - Cypress Semiconductor MB95F856K Datasheet HTML 6Page - Cypress Semiconductor MB95F856K Datasheet HTML 7Page - Cypress Semiconductor MB95F856K Datasheet HTML 8Page - Cypress Semiconductor MB95F856K Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 2 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
❐ Built-in low-voltage detection function (The combination of
detection voltage and release voltage can be selected from
four options.)
■ Comparator  1 channel
❐ Built-in dedicated BGR
❐ The comparator reference voltage can be selected between
the BGR voltage and the comparator pin.
■ Clock supervisor counter
❐ Built-in clock supervisor counter
■ Dual operation Flash memory
❐ The program/erase operation and the read operation can be
executed in different banks (upper bank/lower bank) simul-
taneously.
■ Flash memory security function
❐ Protects the content of the Flash memory.
■ Touch sensor (TS)
❐ Adjacent Pattern Interference Suppression (APIS™)
❐ Three modes in APIS: APIS mode 1, APIS mode 2 and APIS
mode 3
❐ Configurable Automatic Impedance Calibration (AIC™)
❐ Direct output (DIO) function
Note: APIS and AIC are registered trademarks of ATLab, Inc.,
South Korea.
■ Beep output unit  1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com