Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 17Page - Cypress Semiconductor MB95F856K Datasheet HTML 18Page - Cypress Semiconductor MB95F856K Datasheet HTML 19Page - Cypress Semiconductor MB95F856K Datasheet HTML 20Page - Cypress Semiconductor MB95F856K Datasheet HTML 21Page - Cypress Semiconductor MB95F856K Datasheet HTML 22Page - Cypress Semiconductor MB95F856K Datasheet HTML 23Page - Cypress Semiconductor MB95F856K Datasheet HTML 24Page - Cypress Semiconductor MB95F856K Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 21 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
35
38
P04
E
General-purpose I/O port
Hysteresis/
analog
CMOS
—
O
INT04
External interrupt input pin
AN00
8/10-bit A/D converter analog input pin
36
39
P05
E
General-purpose I/O port
Hysteresis/
analog
CMOS
—
O
INT05
External interrupt input pin
AN01
8/10-bit A/D converter analog input pin
CMP0_N
Comparator ch. 0 inverting analog input
(negative input) pin
37
40
P06
K
General-purpose I/O port
High-current pin
Hysteresis/
analog
CMOS
—
O
AN02
8/10-bit A/D converter analog input pin
CMP0_O
Comparator ch. 0 digital output pin
38
41
P07
K
General-purpose I/O port
High-current pin
Hysteresis/
analog
CMOS
—
O
AN03
8/10-bit A/D converter analog input pin
CMP0_P
Comparator ch. 0 non-inverting analog input
(positive input) pin
39
42
P40
K
General-purpose I/O port
High-current pin
Hysteresis/
analog
CMOS
—
O
AN04
8/10-bit A/D converter analog input pin
PPG00
8/16-bit PPG ch. 0 output pin
40
43
P41
K
General-purpose I/O port
High-current pin
Hysteresis/
analog
CMOS
—
O
AN05
8/10-bit A/D converter analog input pin
PPG01
8/16-bit PPG ch. 0 output pin
41
44
P42
D
General-purpose I/O port
High-current pin
Hysteresis
CMOS
—
O
INT06
External interrupt input pin
PPG10
8/16-bit PPG ch. 1 output pin
42
45
P43
D
General-purpose I/O port
High-current pin
Hysteresis
CMOS
—
O
INT07
External interrupt input pin
PPG11
8/16-bit PPG ch. 1 output pin
—46
NC
—
It is an internally connected pin. Always leave
it unconnected.
——
—
—
43
47
P44
K
General-purpose I/O port
High-current pin
Hysteresis/
analog
CMOS
—
O
AN06
8/10-bit A/D converter analog input pin
TO00
8/16-bit composite timer ch. 0 output pin
DIO03
TS direct output ch. 3 pin
Pin no.
Pin name
I/O
circuit
type9
Function
I/O type
LQFP487
LQFP528
Input
Output OD10 PU11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com