Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 46Page - Cypress Semiconductor MB95F856K Datasheet HTML 47Page - Cypress Semiconductor MB95F856K Datasheet HTML 48Page - Cypress Semiconductor MB95F856K Datasheet HTML 49Page - Cypress Semiconductor MB95F856K Datasheet HTML 50Page - Cypress Semiconductor MB95F856K Datasheet HTML 51Page - Cypress Semiconductor MB95F856K Datasheet HTML 52Page - Cypress Semiconductor MB95F856K Datasheet HTML 53Page - Cypress Semiconductor MB95F856K Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 50 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
0x0E6A
STR10
TS touch strength register ch. 10
R
0bXXXXXXXX
0x0E6B
STR11
TS touch strength register ch. 11
R
0bXXXXXXXX
0x0E6C to 0x0E6F
—
(Disabled)
—
—
0x0E70
CALIP0
TS calibrated impedance register ch. 0
R
0b0XXXXXXX
0x0E71
CALIP1
TS calibrated impedance register ch. 1
R
0b0XXXXXXX
0x0E72
CALIP2
TS calibrated impedance register ch. 2
R
0b0XXXXXXX
0x0E73
CALIP3
TS calibrated impedance register ch. 3
R
0b0XXXXXXX
0x0E74
CALIP4
TS calibrated impedance register ch. 4
R
0b0XXXXXXX
0x0E75
CALIP5
TS calibrated impedance register ch. 5
R
0b0XXXXXXX
0x0E76
CALIP6
TS calibrated impedance register ch. 6
R
0b0XXXXXXX
0x0E77
CALIP7
TS calibrated impedance register ch. 7
R
0b0XXXXXXX
0x0E78
CALIP8
TS calibrated impedance register ch. 8
R
0b0XXXXXXX
0x0E79
CALIP9
TS calibrated impedance register ch. 9
R
0b0XXXXXXX
0x0E7A
CALIP10
TS calibrated impedance register ch. 10
R
0b0XXXXXXX
0x0E7B
CALIP11
TS calibrated impedance register ch. 11
R
0b0XXXXXXX
0x0E7C to 0x0E7F
—
(Disabled)
—
—
0x0E80
IMPE0
TS impedance register ch. 0
R
0b0XXXXXXX
0x0E81
IMPE1
TS impedance register ch. 1
R
0b0XXXXXXX
0x0E82
IMPE2
TS impedance register ch. 2
R
0b0XXXXXXX
0x0E83
IMPE3
TS impedance register ch. 3
R
0b0XXXXXXX
0x0E84
IMPE4
TS impedance register ch. 4
R
0b0XXXXXXX
0x0E85
IMPE5
TS impedance register ch. 5
R
0b0XXXXXXX
0x0E86
IMPE6
TS impedance register ch. 6
R
0b0XXXXXXX
0x0E87
IMPE7
TS impedance register ch. 7
R
0b0XXXXXXX
0x0E88
IMPE8
TS impedance register ch. 8
R
0b0XXXXXXX
0x0E89
IMPE9
TS impedance register ch. 9
R
0b0XXXXXXX
0x0E8A
IMPE10
TS impedance register ch. 10
R
0b0XXXXXXX
0x0E8B
IMPE11
TS impedance register ch. 11
R
0b0XXXXXXX
0x0E8C to 0x0E8F
—
(Disabled)
—
—
0x0E90
TOUCHL
TS touch data register (lower)
R
0bXXXXXXXX
0x0E91
TOUCHH
TS touch data register (upper)
R
0b0000XXXX
0x0E92
INTPR
TS interrupt pending register
R
0b000XXXXX
0x0E93 to 0x0F7F
—
(Disabled)
—
—
0x0F80
WRARH0
Wild register address setting register (upper) ch. 0
R/W
0b00000000
0x0F81
WRARL0
Wild register address setting register (lower) ch. 0
R/W
0b00000000
0x0F82
WRDR0
Wild register data setting register ch. 0
R/W
0b00000000
0x0F83
WRARH1
Wild register address setting register (upper) ch. 1
R/W
0b00000000
0x0F84
WRARL1
Wild register address setting register (lower) ch. 1
R/W
0b00000000
0x0F85
WRDR1
Wild register data setting register ch. 1
R/W
0b00000000
0x0F86
WRARH2
Wild register address setting register (upper) ch. 2
R/W
0b00000000
Address
Register
abbreviation
Register name
R/W
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com