Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F856K Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB95F856K
Description  The MB95850K/860K/870K Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers of these series contain a variety of peripheral functions.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F856K Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB95F856K Datasheet HTML 4Page - Cypress Semiconductor MB95F856K Datasheet HTML 5Page - Cypress Semiconductor MB95F856K Datasheet HTML 6Page - Cypress Semiconductor MB95F856K Datasheet HTML 7Page - Cypress Semiconductor MB95F856K Datasheet HTML 8Page - Cypress Semiconductor MB95F856K Datasheet HTML 9Page - Cypress Semiconductor MB95F856K Datasheet HTML 10Page - Cypress Semiconductor MB95F856K Datasheet HTML 11Page - Cypress Semiconductor MB95F856K Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
Document Number: 002-09305 Rev. *C
Page 8 of 172
PRELIMINARY
MB95F856K, MB95F866K,
MB95F876K
I2C bus
interface
1 channel
• Master/slave transmission and receiving
• It has the following functions: bus error function, arbitration function, transmission direction detection
function, wake-up function, and functions of generating and detecting repeated START conditions.
8/16-bit PPG
1 channels
2 channels
3 channels
• Each channel can be used as an “8-bit timer
 2 channels” or a “16-bit timer  1 channel”.
• The counter operating clock can be selected from eight clock sources.
Touch sensor (TS)
5 touch channels
8 touch channels
12 touch channels
• Two types of interrupt: GINT for general purpose and TINT for touch detection
• 8-bit resolution of touch strength data (256 steps)
• Five DIO pins as direct touch outputs
• Beep generation for tactile feeling
Beep output unit
The beep output unit can be activated by using the software or the TS.
Watch counter
• Count clock: it can be selected from eight clock sources from the watch prescaler.
• The counter value can be selected from 0 to 63. (The watch counter can count for one minute when the
clock source of one second is selected and 60 is selected as the counter value.)
Watch prescaler
Eight different time intervals can be selected.
Comparator
1 channel
The comparator reference voltage can be selected between the BGR voltage and the comparator pin.
Flash memory
• It supports automatic programming (Embedded Algorithm), and program/erase/erase-suspend/erase-re-
sume commands.
• It has a flag indicating the completion of the operation of Embedded Algorithm.
• Flash security feature for protecting the content of the Flash memory
Standby mode
There are four standby modes as follows:
• Stop mode
• Sleep mode
• Watch mode
• Time-base timer mode
In standby mode, two further options can be selected: normal standby mode and deep standby mode.
Package
STI024
SOL024
LQB032
LQA048
LQC052
Parameter
MB95F856K
MB95F866K
MB95F876K
Number of program/erase cycles
1000
10000
100000
Data retention time
20 years
10 years
5 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com