Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 30 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 30 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 26Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 27Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 28Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 29Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 30Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 31Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 32Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 33Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 22
Cryptographic Operations
Document
5812-DS01-405-R
Figure 21: ARCFOUR Packet Description Showing Output Fragments
PURE MD5/SHA-1 HASH
The BCM5812 includes basic MD5 and SHA-1 hash operations. These are useful for various protocol processing functions,
such as for computing SSL and TLS finished messages.
Figure 22 shows the command context for Pure MD5/SHA-1 Hash. The flags word authentication value is shown in Table 7.
This command context length should be programmed to 8, even though the BCM5812 always reads 64 bytes.
This command uses MCR1@. The opcode for this command is 0x05.
Note
•
The default byte order for ARCFOUR input and output fragment data is the same as the byte order
on a little endian host processor system.
•
The default ARCFOUR state in the Command Context is byte swapped relative to the input and
output fragment data.
•
The ARCFOUR continuation state is output in the same byte order as the Command Context.
0
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
31
INPUT FRAGMENT ADDRESS
PACKET LENGTH
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUPUT FRAGMENT ADDRESS
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
Fragment 1
Length
Fragment 2
Length
Fragment N
Length
Scattered Output Packet
(Network Byte Order)
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
LENGTH (NOT USED)
OUPUT FRAGMENT ADDRESS
ARCFOUR
State
Output Fragment Chain
Output Fragments Must Be
32-bit Word Aligned
Index i
Index j
0
0
Packet Descriptor
0
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
31
INPUT FRAGMENT ADDRESS
PACKET LENGTH
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUPUT FRAGMENT ADDRESS
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
Fragment 1
Length
Fragment 2
Length
Fragment N
Length
Scattered Output Packet
(Network Byte Order)
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
LENGTH (NOT USED)
OUPUT FRAGMENT ADDRESS
ARCFOUR
State
Output Fragment Chain
Output Fragments Must Be
32-bit Word Aligned
Index i
Index j
0
0
Packet Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com