Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 52 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 52 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 48Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 49Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 50Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 51Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 52Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 53Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 54Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 55Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 56Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 44
Endian Considerations
Document
5812-DS01-405-R
Figure 39: Typical Big Endian Processor PCI Bus Configuration
For a big endian host processor, clearing CRYPTONET_LE enables most host structures to be constructed without the need
for software bye swapping. This applies to the structures shown in Figure 5 on page 7, and to the ARCFOUR State output.
Byte stream data is unaffected.
NORMAL_PCI would be used in non-standard PCI bus configurations. Figure 40 shows an example of a match bit lanes bus
policy. If NORMAL_PCI is cleared, the BCM5812 byte swaps everything on its way in or out, whether a master or slave
access, including the CSRs.
Table 14: Endian Control Flags
Name
Use
Description
Default
CRYPTONET_LE
Little Endian Host Processor
If zero, swap bytes for MCR, command
context, fragment chain entries, BigNum data
fragments, and ARCFOUR States output using
DMA bus master access.
1
NORMAL_PCI
Conventional PCI Configuration
If zero, swap bytes for all data read or written
over the PCI bus, master or slave.
1
A
B
C
D
E
F
G
H
7...0
15..8
23..16
31.24
63..56 55.48 47.40 39.32
D
C
B
A
H
G
F
E
7...0
15..8
23..16
31.24
7...0
15..8
23..16
31.24
PCI Bus W ord 0
PCI Bus W ord 1
000
001
010
011
100
101
110
111
Byte Address
Bit Num ber
W ord in host m em ory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com