Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 35Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 36Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 37Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 38Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 39Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 40Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 41Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 42Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Advance Data Sheet
BCM5812
3/11/03
B roa dcom Co rpo rat ion
Document
5812-DS01-405-R
Cryptographic Operations
Page 31
Figure 28: RSA Private Key
The command context lengths depend upon the parameter field sizes, as was the case with Diffie-Hellman. Prime P and
Prime Q lengths are in bits.
This command uses MCR2@, and opcode 0x04.
Table 11: Allowed RSA Private Key Parameter Size Increments
Modulus Length, in Bits
Parameter Size in 32-bit words
Parameter SIze in Bytes
16-256
8
32
257-384
12
48
385-512
16
64
513-768
24
96
769-1024
32
128
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
Input
(Modulus Length)
Output
(Modulus Length)
LENGTH
31
Command Context
OPCODE
PRIME P LENGTH
0
PRIME P
32-128
Bytes
PRIME Q LENGTH
PRIME Q
32-128
Bytes
EXPONENT DQ
32-128
Bytes
EXPONENT DP
32-128
Bytes
CRT COOEFICIENT PINV
32-128
Bytes
Packet Descriptor
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
Input
(Modulus Length)
Output
(Modulus Length)
LENGTH
31
Command Context
OPCODE
PRIME P LENGTH
0
PRIME P
32-128
Bytes
PRIME P
32-128
Bytes
PRIME Q LENGTH
PRIME Q
32-128
Bytes
PRIME Q
32-128
Bytes
EXPONENT DQ
32-128
Bytes
EXPONENT DQ
32-128
Bytes
EXPONENT DP
32-128
Bytes
EXPONENT DP
32-128
Bytes
CRT COOEFICIENT PINV
32-128
Bytes
CRT COOEFICIENT PINV
32-128
Bytes
Packet Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com