Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 49 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 49 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 45Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 46Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 47Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 48Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 49Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 50Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 51Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 52Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 53Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Advance Data Sheet
BCM5812
3/11/03
B roa dcom Co rpo rat ion
Document
5812-DS01-405-R
Cryptographic Operations
Page 41
Figure 37: Double Modular Exponentiation
Table 13: Modular Arithmetic Opcodes
Opcode
Name
Function
0x43
Modular Addition
(A + B) mod N
0x44
Modular Subtraction
(A - B) mod N
0x45
Modular Multiplication
(A * B) mod N
0x46
Modular Reduction
A mod N
0x47
Modular Exponentiation
AE mod N
0x49
Double Modular Exponentiation
A1
E1 mod N1
A2
E2 mod N2
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Input A
0
Input A
1
Output A
0
E0 mod N
0
(64 Bytes)
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
LENGTH
31
OPCODE
0
MODULUS N0
64 Bytes
MODULUS N1 LENGTH
MODULUS N0 LENGTH
Command Context
MODULUS N1
64 Bytes
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
0
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
1
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
Output A
1
E1 mod N
1
(64 Bytes)
Packet Descriptor
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Input A
0
Input A
1
Output A
0
E0 mod N
0
(64 Bytes)
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
LENGTH
31
OPCODE
0
MODULUS N0
64 Bytes
MODULUS N1 LENGTH
MODULUS N0 LENGTH
Command Context
MODULUS N1
64 Bytes
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
0
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
1
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
Output A
1
E1 mod N
1
(64 Bytes)
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Input A
0
Input A
1
Output A
0
E0 mod N
0
(64 Bytes)
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
COMMAND CONTEXT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
INPUT FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
RESERVED
RESERVED
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
OUTPUT BUFFER LENGTH
OUTPUT FRAGMENT ADDRESS
LENGTH
31
OPCODE
0
MODULUS N0
64 Bytes
MODULUS N1 LENGTH
MODULUS N0 LENGTH
Command Context
MODULUS N1
64 Bytes
LENGTH
31
OPCODE
0
MODULUS N0
64 Bytes
MODULUS N1 LENGTH
MODULUS N0 LENGTH
Command Context
MODULUS N1
64 Bytes
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
0
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
NEXT INPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
INPUT FRAGMENT ADDRESS
Exponent E
1
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
NEXT OUTPUT FRAGMENT CHAIN ENTRY
RESERVED
FRAGMENT LENGTH
OUTPUT FRAGMENT ADDRESS
Output A
1
E1 mod N
1
(64 Bytes)
Packet Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com