Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 6Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 7Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 8Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 9Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 10Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 11Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 12Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 13Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 2
Programming Interface
Document
5812-DS01-405-R
host software can sense the MCR1_FULL and MCR2_FULL flags in the DMA Status CSR, bits 30 and 27 respectively.
These flags are zero when their respective MCR FIFO can accommodate at least one new MCR address.
Figure 2: BCM5812 Programming Overview
Each packet descriptor entry is 32 bytes long, and contains a pointer to a command context structure along with initial input
and output fragment chain entries. The chain entry structures are buffer descriptors used to support input and output scatter-
gather operations. Each provides the address and length, in bytes, of a buffer fragment, and a pointer to a next fragment
chain entry. The packet descriptor also supplies the total length of the input. Figure 4 on page 4 diagrams the format of a
packet descriptor.
The command context indicates the actual operation to be performed. The first 32-bit word is common to all command
context types, and indicates the operation to be performed and the total length of the command context structure itself, in
Table 1: MCR Header Word (Input)
Bits
Description
31
Suppress Interrupts
30:16
Reserved
15:0
Number of Packets
MCR
Host Memory
MCR1@
PCI Memory Space
DMA Control
DMA Status
MCR2@
DMA Error
CSR
Device ID
PCI Configuration Space
Vendor ID
Memory BAR0
PCI Bus DMA
Command Context
Data Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com