Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5812-DS00-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 9Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 10Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 11Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 12Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 13Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 14Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 15Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 16Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
Advance Data Sheet
BCM5812
3/11/03
B roa dcom Co rpo rat ion
Document
5812-DS01-405-R
Cryptographic Operations
Page 5
CRYPTOGRAPHIC OPERATIONS
Each cryptographic operation performed by the BCM5812 is described in terms of its command context and how it uses input
and output buffer fragment lists. Table 3 lists the operations performed by the BCM5812. Operation type codes depend upon
whether the command context is programmed using MCR1@ or MCR2@. Subsequent sections describe the command
context for each operation in detail.
15:0
Number of Packets (unchanged from input)
Table 3: Operation Types
OPCODE
MCR1@ (Symmetric Operations)
MCR2@ (Asymmetric Operations)
0x00
IPsec 3DES/DES combined
encryption with authentication
Reserved
0x01
SSL MAC
authenticator calculation
Diffie-Hellman public key
generation
0x02
TLS HMAC
authenticator calculation
Diffie-Hellman shared key
generation
0x03
3DES/DES encryption
(for SSL and TLS)
RSA public key
operation
0x04
ARCFOUR encipherment
(for SSL and TLS)
RSA secret key
operation
0x05
Hash (Pure MD5 or SHA-1)
DSA signing
operation
0x06
Reserved
DSA verification
operation
0x40
IPsec AES combined
encryption with authentication
Reserved
0x41
Reserved
RNG direct
0x42
Reserved
RNG SHA-1
0x43
Reserved
Modular Addition
0x44
Reserved
Modular Subtraction
0x45
Reserved
Modular Multiplication
0x46
Reserved
Modular Reduction
0x47
Reserved
Modular Exponentiation
0x48
Reserved
Reserved
0x49
Reserved
Double Modular Exponentiation
Table 2: MCR Header Word (Output) (Cont.)
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com