Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices AD9480 Datasheet HTML 10Page - Analog Devices AD9480 Datasheet HTML 11Page - Analog Devices AD9480 Datasheet HTML 12Page - Analog Devices AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9480
Rev. 0 | Page 11 of 28
EQUIVALENT CIRCUITS
VIN+
25k
Ω
16.7k
Ω
16.7k
Ω
150
Ω
25k
Ω
1.2pF
VIN–
1.2pF
AVDD
150
Ω
Figure 4. Analog Inputs
12k
Ω
150
Ω
150
Ω
12k
Ω
10k
Ω
10k
Ω
CLK+
AVDD
CLK–
Figure 5. Clock Inputs
VDD
30k
Ω
S1
Figure 6. S1 Input
AVDD
30k
Ω
PDWN
Figure 7. Power-Down Input
1.2V
3.7k
Ω
DRVDD
DRVDD
ILVDSOUT
LVDSBIAS
K
Figure 8. LVDSBIAS Input
V+
V+
DX+
DRVDD
DX–
V–
V–
Figure 9. LVDS Data, DCO Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com