Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices AD9480 Datasheet HTML 10Page - Analog Devices AD9480 Datasheet HTML 11Page - Analog Devices AD9480 Datasheet HTML 12Page - Analog Devices AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices AD9480 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD9480
Rev. 0 | Page 12 of 28
APPLICATION NOTES
The AD9480 uses a 1.5 bit per stage architecture. The analog
inputs drive an integrated high bandwidth track-and-hold
circuit that samples the signal prior to quantization by the 8-bit
core. For ease of use, the part includes an on-board reference
and input logic that accepts TTL, CMOS, or LVPECL levels. The
digital output logic levels are LVDS (ANSI 644 compatible).
CLOCKING THE AD9480
Any high speed A/D converter is extremely sensitive to the
quality of the sampling clock provided by the user. A track-and-
hold circuit is essentially a mixer, and any noise, distortion, or
timing jitter on the clock is combined with the desired signal at
the A/D output. Considerable care has been taken in the design
of the CLOCK input of the AD9480, and the user is advised to
give commensurate thought to the clock source.
The AD9480 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of CLOCK and optimizes
timing internally for sample rates between 100 MSPS and
250 MSPS. This allows for a wide range of input duty cycles at
the input without degrading performance. Jitter on the rising
edge of the input is still of paramount concern and is not
reduced by the internal stabilization circuit. The duty cycle
control loop does not function for clock rates less than 70 MHz
nominally. The loop has a time constant associated with it that
needs to be considered in applications where the clock rate can
change dynamically, requiring a wait time of 5 µs after a
dynamic clock frequency increase before valid data is available.
The clock duty cycle stabilizer can be disabled at Pin 28 (S1).
The clock inputs are internally biased to 1.5 V (nominal) and
support either differential or single-ended signals. For best
dynamic performance, a differential signal is recommended. An
MC100LVEL16 performs well in the circuit to drive the clock
inputs (ac coupling is optional). If the clock buffer is greater
than 2 inches from the ADC, a standard LVPECL termination
may be required instead of the simple pull-down termination
shown in Figure 10.
AD9480
CLK+
0.1
µF
0.1
µF
510k
Ω
510k
Ω
PECL
GATE
CLK–
Figure 10. Clocking the AD9480
ANALOG INPUTS
The analog input to the AD9480 is a differential buffer. For best
dynamic performance, impedances at VIN+ and VIN− should
match. Optimal performance is obtained when the analog
inputs are driven differentially. SNR and SINAD performance
can degrade if the analog input is driven with a single-ended
signal. The analog inputs self-bias to approximately 1.9 V; this
common-mode voltage can be externally overdriven by
approximately ±300 mV if required.
A wideband transformer, such as the Minicircuits ADT1-1WT,
can provide the differential analog inputs for applications that
require a single-ended-to-differential conversion. Note that the
filter and center-tap capacitor on the secondary side is optional
and dependent on application requirements. An RC filter at the
secondary side helps reduce any wideband noise getting aliased
by the ADC.
AD9480
VIN+
AVDD
(R, C OPTIONAL)
AGND
0.1
µF
10pF
33
Ω
49.9
Ω
33
Ω
VIN–
Figure 11. Driving the ADC with an RF Transformer
For dc-coupled applications, the AD8138 or AD8351 can
serve as a convenient ADC driver, depending on requirements.
Figure 12 shows an example with the AD8138. The AD9480
PCB has an optional AD8351 on board, as shown in Figure 41
and Figure 42. The AD8351 typically yields better performance
for frequencies greater than 30 MHz to 40 MHz.
AD9480
AD8138
VIN+
AVDD
AGND
0.1
µF
20pF
33
Ω
33
Ω
VIN–
49.9
Ω
2k
Ω
1.3k
Ω
499
Ω
499
Ω
523
Ω
499
Ω
Figure 12. Driving the ADC with the AD8138
Table 8. S1 Voltage Levels
S1 Voltage
Data Format
Duty Cycle Stabilizer
0.9*AVDD
− > AVDD
Offset binary
Disabled
2/3 AVDD ± (0.1*AVDD)
Offset binary
Enabled
1/3 AVDD ± (0.1*AVDD)
Twos complement
Enabled
AGND
− >(0.1*AVDD)
Twos complement
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com