Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices AD9480 Datasheet HTML 16Page - Analog Devices AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9480
Rev. 0 | Page 17 of 28
TEMPERATURE (
°C)
3
2
0
1
–1
–2
–3
–40
0
–20
20
40
60
80
FS = 1V EXT REF
FS = 1V INT REF
Figure 32. Full-Scale Gain Error vs. Temperature,
AIN = 70.3 MHz @ –0.5 dBFS, 250 MSPS, FS=1
TEMPERATURE (°C)
75
65
70
60
45
50
55
40
–40
–20
20
040
60
80
SFDR 1V INT REF
SINAD 1V INT REF
Figure 33. SINAD, SFDR vs. Temperature,
AIN = 70 MHz @ –1 dBFS, 250 MSPS
AVDD (V)
0.10
0
0.05
–0.15
–0.10
–0.05
2.7
2.8
2.9
3.1
3.5
3.4
3.3
3.2
3.0
3.6
Figure 34. VREF Sensitivity to AVDD
SINAD
AVDD (V)
70
65
60
55
50
45
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SFDR
SNR
Figure 35. SNR, SINAD, and SFDR vs. Supply Voltage,
AIN = 70.3 MHz @ –1 dBFS, 250 MSPS,
CODE
0.5
0.3
0.4
0
0.1
0.2
–0.2
–0.1
–0.5
–0.3
–0.4
0
100
50
150
200
250
Figure 36. Typical DNL Plot,
AIN = 10.3 MHz @ –0.5 dBFS, 250 MSPS
CODE
0.50
0.25
0
–0.50
–0.25
0
100
50
150
200
250
Figure 37. Typical INL Plot,
AIN = 10.3 MHz @ –0.5 dBFS, 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com