Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9480 Datasheet HTML 16Page - Analog Devices AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices AD9480 Datasheet HTML 22Page - Analog Devices AD9480 Datasheet HTML 23Page - Analog Devices AD9480 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD9480
Rev. 0 | Page 20 of 28
VOLTAGE REFERENCE
The AD9480 has an internal 1 V reference mode. The ADC
uses the internal 1 V reference as the default when sense is
set to ground. An optional on-board external 1.0 V reference
(ADR510) can be used by setting the sense jumper to AVDD,
by placing a jumper on E20 to E3, and by placing a 0 Ω resistor
on R36. When using an external programmable reference,
(R20, R30) remove the sense jumper.
DATA OUTPUTS
The off-chip drivers provide LVDS compatible output levels
with an LVDS RSET resistor of 3.74 kΩ.
The ADC digital outputs can be terminated on the board by
100 Ω resistors at the connector if receiving logic does not have
the required termination resistance. (The on-chip LVDS output
drivers require a far-end 100 Ω differential termination.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com