Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices AD9480 Datasheet HTML 22Page - Analog Devices AD9480 Datasheet HTML 23Page - Analog Devices AD9480 Datasheet HTML 24Page - Analog Devices AD9480 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9480
Rev. 0 | Page 21 of 28
EVALUATION BOARD BILL OF MATERIALS
Table 12.
No.
Quantity
Reference Designator
Device
Package
Value
1
23
C1, C2, C3, C4, C5, C6, C10,
C11, C12, C17, C18, C19, C20,
C21, C22, C23, C26, C27, C28,
C31, C32, C33, C35
Capacitor
0402
0.1 uF
2
1
C13
Capacitor
Tant (3528)
10 uF
3
4
C7, C14, C15, C16
Capacitor
Tant (6032)
10 uF
4
2
J1, J3
SMA
5
2
P12, P13
4-pin power connector post
Z5.531.3425.0
Wieland
6
2
P12, P13
4-pin power detachable
connector
25.602.5453.0
Wieland
7
2
R22, R27
Resistor
0603
50 Ω
8
8
R2, R3, R4, R5, R7, R8, R9, R10,
and R15 (Not placed)
R42
Resistor
0603
100 Ω
9
6
R1, R44, R45, R50, R58, R59
Resistor
0603
1000 Ω
10
1
R41
Resistor
0603
1200 Ω
11
3
R40, R43, R47
Resistor
0603
25 Ω
12
2
R38, R39, R51
Resistor
0603
10 Ω
13
2
R25, R26
Resistor
0603
130 Ω
14
1
R23, R24
Resistor
0603
510 Ω
15
1
R32, R34
Resistor
0603
82 Ω
16
2
R29, R31
Resistor
0603
zero Ω
17
2
R33, R52
Resistor
0603
10 kΩ
18
1
R63
Resistor
0603
3.74 kΩ
19
1
T1
Transformer
CD542
Minicircuits T1-1WT
20
1
U13
AD8351
MSOP-10
21
1
U2
SN65LVDS1
SN65LVDS1 DBV
Not placed
22
1
U14
ADR510
SOT-23
Not placed
23
1
U15
VCC6PECL6
VCC6-QAB-250M000
Not placed
24
1
U1
XO-400
Dip4(14)
Not placed
25
1
U12
AD9480
TQFP-44
26
1
U11
MC100LVEL16D
S08NB
27
1
T2
ETC1-1-13
1-1 TX
Not placed
28
11
C8, C9, C24, C25, C29, C30, and
C34 (All not placed)
Capacitor
0402
Not placed
29
20
R6, R20, R21, R28, R30, R36,
R46, R48, R49, R51, R55, R56,
and R57 (All not placed)
Resistor
0603
User-determined
30
16
E73, E74, E75, E76, E77, E78,
E79, E80, E81, E82, E83, E84,
E17, E5, E6, E7, E8, E35
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com