Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9480 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9480 Datasheet HTML 12Page - Analog Devices AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices AD9480 Datasheet HTML 16Page - Analog Devices AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices AD9480 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD9480
Rev. 0 | Page 16 of 28
SFDR
SNR
SINAD
SAMPLE CLOCK (MHz)
75
70
65
60
55
50
45
40
0
50
150
200
100
250
300
Figure 26. SNR, SINAD, SFDR vs. Sample Clock Frequency,
AIN = 70 MHz
−1 dBFS
ANALOG INPUT DRIVE LEVEL (dBFS)
80
60
70
40
50
20
30
0
10
–70
–60
–40
–50
–30
–20
–10
0
SFDRdBFS
SFDRdBc
65dB
REF LINE
Figure 27. SFDR vs. AIN Input Level; AIN = 70 MHz at 250 MSPS
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
F1, F2 = –7dBFS
2F2-F1 = –71.1dBc
2F1-F2 = –68dBc
Figure 28. Two-Tone Intermodulation Distortion
(69.3 MHz and 70.3 MHz; fS = 250 MSPS)
ENCODE (MSPS)
180
160
100
120
140
60
40
20
80
0
0
50
100
200
250
150
300
IAVDD
IDRVDD
Figure 29. IAVDD and IDRVDD vs. Clock Rate, CLOAD = 5 pF
AIN = 70 MHz @ –1 dBFS
DCS OFF
DCS ON
CLOCK POSITIVE DUTY CYCLE (%)
50
49
48
47
46
45
43
42
41
44
40
20
30
40
50
60
70
80
Figure 30. SNR, SINAD vs. Clock Pulse Width High,
AIN = 70 MHz @ –1 dBFS, 250 MSPS, DCS On/Off
EXTERNAL VREF VOLTAGE (V)
50.0
47.5
45.0
42.5
40.0
0.5
1.1
0.9
0.7
1.5
1.3
1.7
1.9
SNR
SFDR
50
65
70
75
80
SINAD
Figure 31. SNR, SINAD, and SFDR vs. VREF in External Reference Mode,
AIN = 70 MHz @ –1 dBFS, 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com