Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 15 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 15 Page - Pasternack Enterprises, Inc.

Back Button PEM010 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 17Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 18Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
15
Table 4.5 Register Byte Functions
Bit
Name
BYTE 12
7
6
5
4
3
2
1
0
BYTE 13
Function
7
6
5
4
3
2
1
0
BYTE 14
7
6
5
4
3
2
1
0
pd_cal
cpbias_2
cpbias_1
cpbias_0
Synthesizer charge pump bias; bits <7:5> = 010 for normal operation
vrsel_3
vrsel_2
vrsel_1
vrsel_0
refselvco
Synthesizer lock detector window width; bits <4:1> = 1111 for normal operation
Reserved; bit <0> = 1 for normal operation
muxref
div_4
en_dc
ini
pd_div_15
pd_div_27
pd_qp
pd_vco
Reserved; bit <7> = 1 for normal operation
Enable synthesizer divider bit 4; bit <6> = 0 for normal operation
Synthesizer reference input DC coupling; bit <5> = 0 for normal operation
Reserved; bit <4> = 0 for normal operation
Active high to power down 1.5V circuits in synthesizer divider
Active high to power down 2.7V circuits in synthesizer divider
Active high to power down synthesizer charge pump
Active high to power down synthesizer VCO
Active high to power down VCO calibration; bit <7> = 0 for normal operation
muxout
Multiplexer control for ability to read byte 15; bit <6> = 1 for normal operation
pdcalc15
Active high to power down VCO ALC; bit <5> = 1 for normal operation
pload
Active high to load adjustment of VCO; bit <4> = 1 for normal operation
wide_1
wide_2
Control for VCO ALC loop; bits <3:2> = 01 for normal operation
slew_1
slew_0
Slew rate control of sub-integer N divider; bits <1:0> = 10 for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com