Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 11 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 11 Page - Pasternack Enterprises, Inc.

Back Button PEM010 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 15Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
11
Table 4.1 Register Byte Functions
Table 4.1 Register Byte Functions
Bit
Name
BYTE 0
7
pa_pwrdn
pa_pwrdn_fast
6
5
4
3
2
1
0
mixer_pwrdn
divider_pwrdn
if_bgmux_pwrdn
if_mixer_pwrdn
driver_pwrdn
ifvga_pwrdn
Active high to power down PA circuits not controlled by bit <6>
Active high to power down PA core in < 1 us
Active high to power down IF to RF mixer
Active high to power down local oscillator divider
Active high to power down one of three on-chip refs (IF) and associated mux
Active high to power down baseband to IF mixers
Active high to power down PA predriver
Active high to power down IF variable gain amplifier
BYTE 1
Function
7
6
5
4
3
2
1
0
BYTE 2
ipc_pwrdn
7
6
5
4
3
2
1
0
fdb_11
Active high to power down module current reference generator
Reserved; bits <7:4> = 1111 for normal operation
tripler_pwrdn
Active high to power down frequency tripler
ifvga_q_cntrl_2
ifvga_q_cntrl_1
ifvga_q_cntrl_0
not used
not used
not used
Not used; bits <2:0> = xxx
fdb_10
fdb_9
fdb_8
pa_sel_vgbs_3
pa_sel_vgbs_2
pa_sel_vgbs_1
pa_sel_vgbs_0
PA output transistors base voltage regulator;
bits <3:0> = 0000 for normal operation
IF filter Q in the VGA amplifier; bits <2:0> = 000 for highest Q and gain
For reduced Q and wider bandwidth, bits <2:0> = 001,100,101,111 in sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com