Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEM010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
2
.354"
(9.00 mm)
1.057"
(26.85 mm)
WR-15 UG-385/U Flange
.750"
(19.05 mm)
.315"
(8.00 mm)
Samtec ST4-20 Connector
.591"
(15.00 mm)
.394"
(10.00 mm)
Pin 1
Figure 1 PEM010 Mechanical Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com