Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 14 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 14 Page - Pasternack Enterprises, Inc.

Back Button PEM010 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 17Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 18Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
14
Table 4.4 Register Byte Functions
Bit
Name
BYTE 9
7
6
5
4
3
2
1
0
BYTE 10
Function
7
6
5
4
3
2
1
0
BYTE 11
7
6
5
4
3
2
1
0
Synthesizer divider ratio bits 3:0 (see Tables 5.1 and 5.2)
rdacin_5
VCO amplitude DAC; bits<7:2> = 111100 for normal operation
Synthesizer reset; bit <1> = 0 for normal operation
Synthesizer divider ratio bit 4 (see Tables 5.1 and 5.2)
band_2
rfseldiv
VCO band tuning bits 2:0 (see Tables 5.1 and 5.2)
Reserved; bit <0> = 1 for normal operation
driver_bias2_1
rdacin_4
rdacin_3
rdacin_2
rdacin_1
rdacin_0
synreset
divratio_4
divratio_3
divratio_2
divratio_1
divratio_0
band_1
band_0
tripler_bias_5
tripler_bias_4
tripler_bias_3
tripler_bias_2
tripler_bias_1
tripler_bias_0
Frequency tripler bias (lower 6 bit portion): bits <7:2> = 011011 default
driver_bias2_0
PA predriver2 bias current; bits <1:0> = 11 for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com