Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PEM010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
5
Table 2 Recommended Operating Conditions
Description
Unit
Power Supplies
V
1 Reference clock power level specified at 100 ohms differential
2 Baseband voltage at each of the individual baseband inputs (I +/-, Q +/-, FMI +/-, FMQ +/-)
3 Temperature sensor is a 2N3904 NPN transistor die connected as a diode junction
Min
Typ
Max
Name
Vcc
Vdd
ST4 Pin #
8,22,24,26,
28,30,32
10,34
2.7
2.565
2.835
1.5
1.425
1.575
V
Serial Control Port
Logic High
Serial Control Port
Logic Low
DATA
CLOCK
ENABLE
RESET
SCANOUT
DATA
CLOCK
ENABLE
RESET
SCANOUT
38
36
39
37
40
38
36
39
37
40
1.3
1.575
1.0
0.1
0.33
-.05
V
V
Reference Clock1
REFCLKM
REFCLKP
25
27
0
-5
3
dBm
BB_QM
BB_QP
BB_IM
BB_QP
I and Q Baseband2
1
3
7
9
Operating Temperature
-40
85
°C
Temperature Sensor3
Q1_E
Q1_B_C
31
33
5
25
100
mVPP
Vcc 2.7V Supply Current
Icc
Idd
193
mA
8
mA
Vdd 1.5V Supply Current
TA
Serial Control Port Speed
100
MHz
Vcc_PA
12,14,16,18
4.0
3.9
4.1
V
Vcc_PA 4V Supply Current
IPA
66
mA
FMM_Q
FMP_Q
FMM_I
FMP_I
FM/MSK Baseband2
13
15
19
21
200
500
750
mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com