Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEM010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
1
The PEM010 is a highly integrated millimeter wave transmitter that covers the 60 GHz global unlicensed spectrum allocations
packaged in a standard waveguide module. Transmitter architecture is a double conversion, sliding IF with wide bandwidth
capability through the upconversion chain from baseband to carrier. The I/Q interface accepts analog baseband signals which
provides for flexibility in design and applications. The baseband input optionally supports FSK/MSK modulation for non-
coherent applications. The transmitter incorporates a complete waveguide interface with low-loss transition between the chip
and the WR15 waveguide port. The integrated package is small and lightweight, with a simple to use multi-pin ST4 connector
for power, reference clock, digital control port and baseband signals. Either of two reference clocks can be used for setting
540 MHz or 500 MHz channel spacing.
Features:
• Complete millimeter wave transmitter
• WR-15, UG-385/U flange
• Operates in the 57 to 66 GHz unlicensed band
• 12 dBm typical output power
• Up to 1.8 GHz modulation bandwidth
• I/Q analog baseband interface
• On chip synthesizer covers 57 to 64.8 GHz
• 500 MHz or 540 MHz step size
• 285.714 MHz clock for 500 MHz step size
• 308.572 MHz clock for 540 MHz step size
• Power, control, signals on ST4 connector
• Temperature sensor
Applications
• 802.11ad: 58.32, 60.48, 62.64, 64.80 GHz
• 802.11aj: 59.94, 61.02, 62.10, 63.18 GHz
• Any Channel (500 MHz or 540 MHz) 57-64.8 GHz
• Multi-Gbps Digital Communications
• HD Video Transmission
• Millimeter Wave Radar
• Millimeter Wave Imaging
• Development for 802.11ad and 802.11aj
• ATE Equipment for 60 GHz Manufacturing Test


Similar Part No. - PEM010

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEM01Q-1-AC1 POWERDYNAMICS-PEM01Q-1-AC1 Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEM01Q-1M-AC1 POWERDYNAMICS-PEM01Q-1M-AC1 Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
More results

Similar Description - PEM010

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
25 GHz Waveguide Diplexer
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
39 GHz Waveguide Diplexer
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
60 GHz Transmitter Tx Waveguide Module
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com