Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 4Page - STMicroelectronics STA003T Datasheet HTML 5Page - STMicroelectronics STA003T Datasheet HTML 6Page - STMicroelectronics STA003T Datasheet HTML 7Page - STMicroelectronics STA003T Datasheet HTML 8Page - STMicroelectronics STA003T Datasheet HTML 9Page - STMicroelectronics STA003T Datasheet HTML 10Page - STMicroelectronics STA003T Datasheet HTML 11Page - STMicroelectronics STA003T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
2.4 - PCM Output Interface
The decoded audio data are output in serial PCM
format. The interface consists of the following sig-
nals:
SDO
PCM Serial Data Output
SCKT
PCM Serial Clock Output
LRCLK
Left/Right Channel Selection Clock
The output samples precision is selectable from
16 to 24 bits/word, by setting the output precision
(16, 18, 20 and 24 bits) with PCMCONF register.
Data can be output either with the most signifi-
cant bit first (MS) or least significant bit first (LS),
selected by writing into a flag of the PCMCONF
register.
Figure 8 gives a description of the STA003T PCM
Output Formats.
The sample rates set decoded by STA003T is de-
scribed in Table 1.
LRCKT
SDO
SDO
PCM_FORMAT = 0
PCM_DIFF = 0
PCM_FORMAT = 1
PCM_DIFF = 1
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
M
S
M
S
L
S
L
S
L
S
L
S
M
S
M
S
M
S
L
S
M
S
L
S
L
S
L
S
M
S
M
S
LRCKT
SDO
SDO
PCM_ORD = 1
PCM_PREC is 16 bit mode
PCM_ORD = 0
PCM_PREC is 16 bit mode
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
M
S
M
S
L
S
L
S
L
S
L
S
M
S
M
S
M
S
L
S
M
S
L
S
L
S
L
S
M
S
M
S
SDO
PCM_FORMAT = 0
PCM_DIFF = 1
L
S
L
S
M
S
M
S
M
S
L
S
L
S
M
S
SDO
PCM_FORMAT = 1
PCM_DIFF = 1
L
S
L
S
M
S
M
S
M
S
L
S
L
S
M
S
0
0
0
0
0
0
0
0
00
00
0
0
0
0
MSB
MSB
MSB
MSB
Figure 8. PCM Output Formats
Table 1: MPEG Sampling Rates (KHz)
MPEG 1
MPEG 2
MPEG 2.5
48
24
12
32
16
8
2.5 - STA003T Decoding States
There are three different decoder states: Idle,
Init, and Decode. Commands to change the de-
coding states are described in the STA003T I
2C
registers description.
Idle Mode
In this mode the decoder is waiting for the RUN
command. This mode should be used to initialise
the configuration register of the device. The DAC
connected to STA003T can be initialised during
this mode (set MUTE to 1).
PLAY
MUTE
Clock State
PCM Output
X
0
Not Running
0
X
1
Running
0
Init Mode
"PLAY" and "MUTE" changes are ignored in this
mode. The internal state of the decoder will be
updated only when the decoder changes from the
state "init" to the state "decode". The "init" phase
ends when the first decoded samples are at the
output stage of the device.
Decode Mode
This mode is completely described by the follow-
ing table:
PLAY
MUTE
Clock State
PCM
Output
Decoding
0
0
Not Running
0
No
0
1
Running
0
No
1
0
Running
Decoded
Samples
Yes
1
1
Running
0
Yes
STA003T
8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com