Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 8Page - STMicroelectronics STA003T Datasheet HTML 9Page - STMicroelectronics STA003T Datasheet HTML 10Page - STMicroelectronics STA003T Datasheet HTML 11Page - STMicroelectronics STA003T Datasheet HTML 12Page - STMicroelectronics STA003T Datasheet HTML 13Page - STMicroelectronics STA003T Datasheet HTML 14Page - STMicroelectronics STA003T Datasheet HTML 15Page - STMicroelectronics STA003T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
4.1 - STA003T REGISTERS DESCRIPTION
The STA003T device includes 128 I
2C registers.
In this document, only the user-oriented registers
are described. The undocumented registers are
reserved. These registers must never be ac-
cessed (in Read or in Write mode). The Read-
Only registers must never be written.
The following table describes the meaning of the
abbreviations used in the I2C registers descrip-
tion:
Symbol
Comment
NA
Not Applicable
UND
Undefined
NC
No Charge
RO
Read Only
WO
Write Only
R/W
Read and Write
R/WS
Read, Write in specific mode
VERSION
Address: 0x00
Type: RO
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
V8
V7
V6
V5
V4
V3
V2
V1
The VERSION register is read-only and it is used
to identify the IC on the application board.
IDENT
Address: 0x01
Type: RO
Software Reset: 0xAC
Hardware Reset: 0xAC
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
10101
100
IDENT is a read-only register and is used to iden-
tify the IC on an application board. IDENT always
has the value "0xAC"
PLLCTL
Address: 0x05
Type: R/W
Software Reset: 0x21
Hardware Reset: 0x21
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XTO_
BUF
XTOD
IS
OCLK
EN
SYS2O
CLK
PPLD
IS
XTI2DS
PCLK
XTI2O
CLK
UPD_F
RAC
UPD_FRAC: when is set to 1, updates FRAC in
the switching circuit. It is set to 1 after autoboot.
XTI2OCLK: when is set to 1, uses the XTI as in-
put of the divider X instead of VCO output. It is
set to 0 on HW reset.
XTI2DSPCLK: when is set to 1, uses the XTI as
input of the divider S instead of VCO output. It is
set to 0 on HW reset.
PLLDIS: when set to 1, the VCO output is dis-
abled. It is set to 0 on HW reset.
SYS2OCLK: when is set to 1, the OCLK fre-
quency is equal to the system frequency. It is
useful for testing. It is set to 0 on HW reset.
OCLKEN: when is set to 1, the OCLK pad is en-
able as output pad. It is set to 1 on HW reset.
XTODIS: when is set to 1, the XTO pad is dis-
abled. It is set to 0 on HW reset.
XTO_BUF: when this bit is set, the pin nr. 28
(VDD_5/CLK_OUT) is enabled as buffered (4mA)
master clock output (CLK_OUT). It is set to 0 af-
ter autoboot.
PLLCTL_M
Address: 0x06
Type: R/W
Software Reset: 0x0C
Hardware Reset: 0x0C
PLLCTL_N
Address: 0x07
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
The M and N registers are used to configure the
STA003T PLL by DSP embedded software.
M and N registers are R/W type but they are
completely controlled, on STA003T, by DSP soft-
ware.
STA003T
12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com