Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 9Page - STMicroelectronics STA003T Datasheet HTML 10Page - STMicroelectronics STA003T Datasheet HTML 11Page - STMicroelectronics STA003T Datasheet HTML 12Page - STMicroelectronics STA003T Datasheet HTML 13Page - STMicroelectronics STA003T Datasheet HTML 14Page - STMicroelectronics STA003T Datasheet HTML 15Page - STMicroelectronics STA003T Datasheet HTML 16Page - STMicroelectronics STA003T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SCKL_POL
Address: 0x0D
Type: R/W
Software Reset: 0x04
Hardware Reset: 0x04
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXX
0
0
0
(1)
100
(2)
X = don’t care
SCKL_POL is used to select the working polarity
of the Input Serial Clock (SCKR).
(1) If SCKL_POL is set to 0x00, the data (SDI)
are sent with the falling edge of SCKR
and sampled on the rising edge.
(2) If SCKL_POL is set to 0x04, the data (SDI)
are sent with the rising edge of SCKR and
sampled on the falling edge.
ERROR_CODE
Address: 0x0F
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXX
0
0
0
0
(1)
0
001
(2)
0
010
(3)
X = don’t care
ERROR_CODE register contains the last error
occourred if any. The codes can be as follows:
Code
Description
(1)
0x00
No error since the last SW or HW Reset
(2)
0x01
CRC Failure
(3)
0x02
DATA not available
SOFT_RESET
Address: 0x10
Type: WO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXXXX
0
1
X = don’t care; 0 = normal operation; 1 = reset
When this register is written, a soft reset occours.
The STA003T core command register and the in-
terrupt register are cleared. The decoder goes in
to idle mode.
PLAY
Address: 0x13
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXXXX
0
1
X = don’t care; 0 = normal operation; 1 = play
The PLAY command is handled according to the
state of the decoder, as described in section 2.5.
PLAY only becomes active when the decoder is
in DECODE mode.
STA003T
13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com