Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 6Page - STMicroelectronics STA003T Datasheet HTML 7Page - STMicroelectronics STA003T Datasheet HTML 8Page - STMicroelectronics STA003T Datasheet HTML 9Page - STMicroelectronics STA003T Datasheet HTML 10Page - STMicroelectronics STA003T Datasheet HTML 11Page - STMicroelectronics STA003T Datasheet HTML 12Page - STMicroelectronics STA003T Datasheet HTML 13Page - STMicroelectronics STA003T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
3.4 - READ OPERATION (see Fig. 10)
3.4.1 - Current byte address read
The STA003T has an internal byte address
counter. Each time a byte is written or read, this
counter is incremented.
For the current byte address read mode, follow-
ing a START condition the master sends the de-
vice address with the RW bit set to 1.
The STA003T acknowledges this and outputs the
byte addressed by the internal byte address
counter. The master does not acknowledge the
received byte, but terminates the transfer with a
STOP condition.
3.4.2 - Sequential address read
This mode can be initiated with either a current
address read or a random address read. How-
ever in this case the master does acknowledge
the data byte output and the STA003T continues
to output the next byte in sequence.
To terminate the streams of bytes the master
does not acknowledge the last received byte, but
terminates the transfer with a STOP condition.
The output data stream is from consecutive byte
addresses, with the internal byte address counter
automatically incremented after one byte output.
4 - I
2C REGISTERS
The following table gives a description of the
MPEG Source Decoder (STA003T) register list.
The first column (HEX_COD) is the hexadecimal
code for the sub-address.
The second column (DEC_COD) is the decimal
code.
The third column (DESCRIPTION) is the descrip-
tion of the information contained in the register.
The fourth column (RESET) inidicate the reset
value if any. When no reset value is specifyed,
the default is "undefined".
The fifth column (R/W) is the flag to distinguish
register "read only" and "read and write", and the
useful size of the register itself.
Each register is 8 bit wide. The master shall oper-
ate reading or writing on 8 bits only.
I
2C REGISTERS
HEX_COD
DEC_COD
DESCRIPTION
RESET
R/W
0x00
0
VERSION
R (8)
0x01
1
IDENT
0xAC
R (8)
0x05
5
PLLCTL [7:0]
0x21
R/W (8)
0x06
6
PLLCTL_M
0x0C
R/W (8)
0x07
7
PLLCTL_N
0x00
R/W (8)
0x0B
11
reserved
0x0C
12
reserved
0x0D
13
SCLK_POL
0x04
R/W (8)
0x0F
15
ERROR_CODE
0x00
R (8)
DEV-ADDR
ACK
START
D98AU826A
RW
DATA
NO ACK
STOP
CURRENT
ADDRESS
READ
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
STOP
RANDOM
ADDRESS
READ
DATA
NO ACK
START
RW
DEV-ADDR
ACK
START
DATA
ACK
DATA
ACK
STOP
SEQUENTIAL
CURRENT
READ
DATA
NO ACK
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
SEQUENTIAL
RANDOM
READ
DATA
ACK
START
RW
DATA
ACK
NO ACK
STOP
DATA
RW=
HIGH
Figure 10. Read Mode Sequence
STA003T
10/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com