Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 10Page - STMicroelectronics STA003T Datasheet HTML 11Page - STMicroelectronics STA003T Datasheet HTML 12Page - STMicroelectronics STA003T Datasheet HTML 13Page - STMicroelectronics STA003T Datasheet HTML 14Page - STMicroelectronics STA003T Datasheet HTML 15Page - STMicroelectronics STA003T Datasheet HTML 16Page - STMicroelectronics STA003T Datasheet HTML 17Page - STMicroelectronics STA003T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MUTE
Address: 0x14
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XXXXX
0
1
X = don’t care; 0 = normal operation; 1 = mute
The MUTE command is handled according to the
state of the decoder, as described in section 2.5.
MUTE sets the clock running.
CMD_INTERRUPT
Address: 0x16
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXXXX
0
1
X = don’t care;
0 = normal operation;
1 = write into I
2C/Ancillary Data
The INTERRUPT is used to give STA003T the
command to write into the I2C/Ancillary Data
Buffer (Registers: 0x59 ... 0x5D). Every time the
Master has to extract the new buffer content (5
bytes) it writes into this register, setting it to a
non-zero value.
SYNCSTATUS
Address: 0x40
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
XX
XX
X
X
SS1
SS0
0
0
Research of sync word
0
1
Wait for Confirmation
1
0
Synchronised
1
1
not used
STA003T
14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com