Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA003T Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA003T
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 24Page - STMicroelectronics STA003T Datasheet HTML 25Page - STMicroelectronics STA003T Datasheet HTML 26Page - STMicroelectronics STA003T Datasheet HTML 27Page - STMicroelectronics STA003T Datasheet HTML 28Page - STMicroelectronics STA003T Datasheet HTML 29Page - STMicroelectronics STA003T Datasheet HTML 30Page - STMicroelectronics STA003T Datasheet HTML 31Page - STMicroelectronics STA003T Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
5.5 DAC RELATED REGISTERS CONFIGURA-
TION
The different DAC registers must be configured
for 48kHz audio frequency: this is the reference
frequency. The STA003T will use these parame-
ters to derivate the register configurations for the
other audio frequencies (32, 24, 16, 12, 8 KHz)
according to the bistream informations.
The STA003T DAC and PLL register must be
configured according to the following steps:
1) OCLK_Freq determination from the DAC over-
sampling factor O_FAC.
As all STA003T registers must be configured
for 48KHz reference frequency, the OCLK
frquency is:
OCLK_Freq = O_FAC
⋅ 48KHz
ex: O_FAC = 384, OCLK_Freq = 18.432MHz
2) PCMDIVIDER (0 x 54) register configuration.
The PCMDIVIDER register is used to config-
ure the frequency ratio between OCLK_Freq
and SCKT_Freq:
SCKT_Freq
=
OCLK_Freq
(2 ⋅ (1 + PCMDIVIDER))
The SCKT signal is the bit clock for the DAC
serial output. The SCKT frequency depends
on the number of bits to be transmitted to the
DAC during one LRCKT (Left/Right clock)
clock period. These number of bit depends on
the DAC precision (16, 18, 20 or 24bits) and
on the mode that is used to transmit the data
to
the
DAC
(see
figure
8).
Once
the
PCMCONF register is set according to the
DAC requirements, the number of SCKT clock
periods per LRCKT clock period is 16x2 or
32x2.
a) LRCKT_period = 16x2 SCKT_periods
SCKT_Freq = LRCKT_Freq
⋅ 32 =
=
OCLK_Freq
(2 ⋅ (1+PCMDIVIDER))
As the reference audio frequency is 48 KHz,
the previous relation becomes:
48KHz
⋅ 32 = 48kHz ⋅ O_FAC (2 ⋅ (1+ PCMDI-
VIDER))
Consequently:
PCMDIVIDER = (O_FAC/64)-1
ex: O_FAC = 384, PCMCONF[1:0] = 00,
PCMDIVIDER = 5
b) LRCKT_period = 32x2 SCKT_periods
SCKT_Freq = LRCKT_Freq
⋅ 64 =
=
OCLK_Freq
(2 ⋅ (1+PCMDIVIDER))
Consequently:
PCMDIVIDER = (O_FAC/128)-1
3) Configuration of the PLL registers to set
OCLK_FREQ to the desired value computed
in step 1.
The PLL configuration in direct relation with
the XTI input clock frequency (14.72 MHz).
OCLK_freq
= 
1
1
+ MFSDF(X)
⋅
⋅ 
14.72MHz
1
+ PLLCTL_N
⋅ 
PLLCTL_M
+1 +
PLLFRAC
65536
* MFSDF(X) is the value of the MFSDF(X)(0x61)
register.
* PLLCTL_N is the value of the PLLCTL_N
(0x07) register.
* PLLCTL_M is the value of the PLLCTL_N
(0x07) register.
* PLLFRAC (decimal) is the value of the
PLLFRAC_H and PLLFRAC_L registers as
PLLFRAC
=
256
⋅
PLLFRAC_H
+
PLLFRAC_L.
The following table gives the possible values for
these registers according to different OCLK_Freq
values. Other values can be supported on re-
quest to STMicroelectronics.
O_FAC
OCLK_Freq
at 48KHz
PLLCTL_N
PLLCTL_M
PLLFRAC
MFSDF
128
6.144MHz
0
12
23365
31
256
12.288MHz
0
12
23365
15
384
18.432MHz
0
11
34193
9
STA003T
30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com