Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 29 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 29 Page - SPANSION

Back Button S29GL032A Datasheet HTML 25Page - SPANSION S29GL032A Datasheet HTML 26Page - SPANSION S29GL032A Datasheet HTML 27Page - SPANSION S29GL032A Datasheet HTML 28Page - SPANSION S29GL032A Datasheet HTML 29Page - SPANSION S29GL032A Datasheet HTML 30Page - SPANSION S29GL032A Datasheet HTML 31Page - SPANSION S29GL032A Datasheet HTML 32Page - SPANSION S29GL032A Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
27
Advance
Information
SA68
1000100xxx
64/32
440000h–44FFFFh
220000h–227FFFh
SA102 1100110xxx
64/32
660000h–66FFFFh
330000h–337FFFh
SA69
1000101xxx
64/32
450000h–45FFFFh
228000h–22FFFFh
SA103 1100111xxx
64/32
670000h–67FFFFh
338000h–33FFFFh
SA70
1000110xxx
64/32
460000h–46FFFFh
230000h–237FFFh
SA104 1101000xxx
64/32
680000h–68FFFFh
340000h–347FFFh
SA71
1000111xxx
64/32
470000h–47FFFFh
238000h–23FFFFh
SA105 1101001xxx
64/32
690000h–69FFFFh
348000h–34FFFFh
SA72
1001000xxx
64/32
480000h–48FFFFh
240000h–247FFFh
SA106 1101010xxx
64/32
6A0000h–6AFFFFh
350000h–357FFFh
SA73
1001001xxx
64/32
490000h–49FFFFh
248000h–24FFFFh
SA107 1101011xxx
64/32
6B0000h–6BFFFFh
358000h–35FFFFh
SA74
1001010xxx
64/32
4A0000h–4AFFFFh
250000h–257FFFh
SA108 1101100xxx
64/32
6C0000h–6CFFFFh
360000h–367FFFh
SA75
1001011xxx
64/32
4B0000h–4BFFFFh
258000h–25FFFFh
SA109 1101101xxx
64/32
6D0000h–6DFFFFh
368000h–36FFFFh
SA76
1001100xxx
64/32
4C0000h–4CFFFFh
260000h–267FFFh
SA110 1101110xxx
64/32
6E0000h–6EFFFFh
370000h–377FFFh
SA77
1001101xxx
64/32
4D0000h–4DFFFFh
268000h–26FFFFh
SA111 1101111xxx
64/32
6F0000h–6FFFFFh
378000h–37FFFFh
SA78
1001110xxx
64/32
4E0000h–4EFFFFh
270000h–277FFFh
SA112 1110000xxx
64/32
700000h–70FFFFh
380000h–387FFFh
SA79
1001111xxx
64/32
4F0000h–4FFFFFh
278000h–27FFFFh
SA113 1110001xxx
64/32
710000h–71FFFFh
388000h–38FFFFh
SA80
1010000xxx
64/32
500000h–50FFFFh
280000h–28FFFFh
SA114 1110010xxx
64/32
720000h–72FFFFh
390000h–397FFFh
SA81
1010001xxx
64/32
510000h–51FFFFh
288000h–28FFFFh
SA115 1110011xxx
64/32
730000h–73FFFFh
398000h–39FFFFh
SA82
1010010xxx
64/32
520000h–52FFFFh
290000h–297FFFh
SA116 1110100xxx
64/32
740000h–74FFFFh
3A0000h–3A7FFFh
SA83
1010011xxx
64/32
530000h–53FFFFh
298000h–29FFFFh
SA117 1110101xxx
64/32
750000h–75FFFFh
3A8000h–3AFFFFh
SA84
1010100xxx
64/32
540000h–54FFFFh
2A0000h–2A7FFFh
SA118 1110110xxx
64/32
760000h–76FFFFh
3B0000h–3B7FFFh
SA85
1010101xxx
64/32
550000h–55FFFFh
2A8000h–2AFFFFh
SA119 1110111xxx
64/32
770000h–77FFFFh
3B8000h–3BFFFFh
SA86
1010110xxx
64/32
560000h–56FFFFh
2B0000h–2B7FFFh
SA120 1111000xxx
64/32
780000h–78FFFFh
3C0000h–3C7FFFh
SA87
1010111xxx
64/32
570000h–57FFFFh
2B8000h–2BFFFFh
SA121 1111001xxx
64/32
790000h–79FFFFh
3C8000h–3CFFFFh
SA88
1011000xxx
64/32
580000h–58FFFFh
2C0000h–2C7FFFh
SA122 1111010xxx
64/32
7A0000h–7AFFFFh
3D0000h–3D7FFFh
SA89
1011001xxx
64/32
590000h–59FFFFh
2C8000h–2CFFFFh
SA123 1111011xxx
64/32
7B0000h–7BFFFFh
3D8000h–3DFFFFh
SA90
1011010xxx
64/32
5A0000h–5AFFFFh
2D0000h–2D7FFFh
SA124 1111100xxx
64/32
7C0000h–7CFFFFh
3E0000h–3E7FFFh
SA91
1011011xxx
64/32
5B0000h–5BFFFFh
2D8000h–2DFFFFh
SA125 1111101xxx
64/32
7D0000h–7DFFFFh
3E8000h–3EFFFFh
SA92
1011100xxx
64/32
5C0000h–5CFFFFh
2E0000h–2E7FFFh
SA126 1111110xxx
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
SA93
1011101xxx
64/32
5D0000h–5DFFFFh
2E8000h–2EFFFFh
SA127 1111111000
8/4
7F0000h–7F1FFFh
3F8000h–3F8FFFh
SA94
1011110xxx
64/32
5E0000h–5EFFFFh
2F0000h–2FFFFFh
SA128 1111111001
8/4
7F2000h–7F3FFFh
3F9000h–3F9FFFh
SA95
1011111xxx
64/32
5F0000h–5FFFFFh
2F8000h–2FFFFFh
SA129 1111111010
8/4
7F4000h–7F5FFFh
3FA000h–3FAFFFh
SA96
1100000xxx
64/32
600000h–60FFFFh
300000h–307FFFh
SA130 1111111011
8/4
7F6000h–7F7FFFh
3FB000h–3FBFFFh
SA97
1100001xxx
64/32
610000h–61FFFFh
308000h–30FFFFh
SA131 1111111100
8/4
7F8000h–7F9FFFh
3FC000h–3FCFFFh
SA98
1100010xxx
64/32
620000h–62FFFFh
310000h–317FFFh
SA132 1111111101
8/4
7FA000h–7FBFFFh
3FD000h–3FDFFFh
SA99
1100011xxx
64/32
630000h–63FFFFh
318000h–31FFFFh
SA133 1111111110
8/4
7FC000h–7FDFFFh
3FE000h–3FEFFFh
SA100 1100100xxx
64/32
640000h–64FFFFh
320000h–327FFFh
SA134 1111111111
8/4
7FE000h–7FFFFFh
3FF000h–3FFFFFh
SA101 1100101xxx
64/32
650000h–65FFFFh
328000h–32FFFFh
Table 9. S29GL064A (Model R4) Bottom Boot Sector Addresses (Sheet 1 of 2)
A21–A15
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range
A21–A15
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range
SA0
0000000000
8/4
000000h–001FFFh
00000h–00FFFh
SA27
0010100xxx
64/32
140000h–14FFFFh
A0000h–A7FFFh
SA1
0000000001
8/4
002000h–003FFFh
01000h–01FFFh
SA28
0010101xxx
64/32
150000h–15FFFFh
A8000h–AFFFFh
SA2
0000000010
8/4
004000h–005FFFh
02000h–02FFFh
SA29
0010110xxx
64/32
160000h–16FFFFh
B0000h–B7FFFh
SA3
0000000011
8/4
006000h–007FFFh
03000h–03FFFh
SA30
0010111xxx
64/32
170000h–17FFFFh
B8000h–BFFFFh
SA4
0000000100
8/4
008000h–009FFFh
04000h–04FFFh
SA31
0011000xxx
64/32
180000h–18FFFFh
C0000h–C7FFFh
SA5
0000000101
8/4
00A000h–00BFFFh
05000h–05FFFh
SA32
0011001xxx
64/32
190000h–19FFFFh
C8000h–CFFFFh
SA6
0000000110
8/4
00C000h–00DFFFh
06000h–06FFFh
SA33
0011010xxx
64/32
1A0000h–1AFFFFh
D0000h–D7FFFh
SA7
0000000111
8/4
00E000h–00FFFFFh
07000h–07FFFh
SA34
0011011xxx
64/32
1B0000h–1BFFFFh
D8000h–DFFFFh
SA8
0000001xxx
64/32
010000h–01FFFFh
08000h–0FFFFh
SA35
0011000xxx
64/32
1C0000h–1CFFFFh
E0000h–E7FFFh
SA9
0000010xxx
64/32
020000h–02FFFFh
10000h–17FFFh
SA36
0011101xxx
64/32
1D0000h–1DFFFFh
E8000h–EFFFFh
SA10
0000011xxx
64/32
030000h–03FFFFh
18000h–1FFFFh
SA37
0011110xxx
64/32
1E0000h–1EFFFFh
F0000h–F7FFFh
SA11
0000100xxx
64/32
040000h–04FFFFh
20000h–27FFFh
SA38
0011111xxx
64/32
1F0000h–1FFFFFh
F8000h–FFFFFh
SA12
0000101xxx
64/32
050000h–05FFFFh
28000h–2FFFFh
SA39
0100000xxx
64/32
200000h–20FFFFh
F9000h–107FFFh
SA13
0000110xxx
64/32
060000h–06FFFFh
30000h–37FFFh
SA40
0100001xxx
64/32
210000h–21FFFFh
108000h–10FFFFh
SA14
0000111xxx
64/32
070000h–07FFFFh
38000h–3FFFFh
SA41
0100010xxx
64/32
220000h–22FFFFh
110000h–117FFFh
SA15
0001000xxx
64/32
080000h–08FFFFh
40000h–47FFFh
SA42
0101011xxx
64/32
230000h–23FFFFh
118000h–11FFFFh
SA16
0001001xxx
64/32
090000h–09FFFFh
48000h–4FFFFh
SA43
0100100xxx
64/32
240000h–24FFFFh
120000h–127FFFh
SA17
0001010xxx
64/32
0A0000h–0AFFFFh
50000h–57FFFh
SA44
0100101xxx
64/32
250000h–25FFFFh
128000h–12FFFFh
SA18
0001011xxx
64/32
0B0000h–0BFFFFh
58000h–5FFFFh
SA45
0100110xxx
64/32
260000h–26FFFFh
130000h–137FFFh
SA19
0001100xxx
64/32
0C0000h–0CFFFFh
60000h–67FFFh
SA46
0100111xxx
64/32
270000h–27FFFFh
138000h–13FFFFh
SA20
0001101xxx
64/32
0D0000h–0DFFFFh
68000h–6FFFFh
SA47
0101000xxx
64/32
280000h–28FFFFh
140000h–147FFFh
SA21
0001101xxx
64/32
0E0000h–0EFFFFh
70000h–77FFFh
SA48
0101001xxx
64/32
290000h–29FFFFh
148000h–14FFFFh
SA22
0001111xxx
64/32
0F0000h–0FFFFFh
78000h–7FFFFh
SA49
0101010xxx
64/32
2A0000h–2AFFFFh
150000h–157FFFh
SA23
0010000xxx
64/32
100000h–00FFFFh
80000h–87FFFh
SA50
0101011xxx
64/32
2B0000h–2BFFFFh
158000h–15FFFFh
SA24
0010001xxx
64/32
110000h–11FFFFh
88000h–8FFFFh
SA51
0101100xxx
64/32
2C0000h–2CFFFFh
160000h–167FFFh
SA25
0010010xxx
64/32
120000h–12FFFFh
90000h–97FFFh
SA52
0101101xxx
64/32
2D0000h–2DFFFFh
168000h–16FFFFh
SA26
0010011xxx
64/32
130000h–13FFFFh
98000h–9FFFFh
SA53
0101110xxx
64/32
2E0000h–2EFFFFh
170000h–177FFFh
Table 8. S29GL064A (Model R3) Top Boot Sector Addresses (Sheet 2 of 2)
A21–A15
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range
A21–A15
Sector
Size
(KB/
Kwords)
8-bit
Address
Range
16-bit
Address
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com