Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 67 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 67 Page - SPANSION

Back Button S29GL032A Datasheet HTML 63Page - SPANSION S29GL032A Datasheet HTML 64Page - SPANSION S29GL032A Datasheet HTML 65Page - SPANSION S29GL032A Datasheet HTML 66Page - SPANSION S29GL032A Datasheet HTML 67Page - SPANSION S29GL032A Datasheet HTML 68Page - SPANSION S29GL032A Datasheet HTML 69Page - SPANSION S29GL032A Datasheet HTML 70Page - SPANSION S29GL032A Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
65
Advance
Information
DC Characteristics
CMOS Compatible
Notes:
1. On the WP#/ACC pin only, the maximum input load current when WP# = VIL is ± 5.0 µA.
2. The ICC current listed is typically less than 3.5 mA/MHz, with OE# at VIH.
3. Maximum ICC specifications are tested with VCC = VCCmax.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
6. VCC voltage requirements.
7. Not 100% tested.
Parameter
Symbol
Parameter Description (Notes)
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current (Note 1)
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 =
12.5 V
-40°C to 0°C
250
µA
0°C to 85°C
35
ILR
Reset Leakage Current
VCC = VCC max; RESET# = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Initial Read Current (Notes 2, 3)
CE# = VIL, OE# =
VIH,
1 MHz
5
20
mA
5 MHz
18
25
10 MHz
35
50
ICC2
VCC Intra-Page Read Current (Notes 2, 3) CE# = VIL, OE# = VIH
10 MHz
5
20
mA
40 MHz
10
40
ICC3
VCC Active Write Current (Note 3)
CE# = VIL, OE# = VIH
50
60
mA
ICC4
VCC Standby Current (Note 3)
CE#, RESET# = VCC ± 0.3 V,
WP# = VIH
15
µA
ICC5
VCC Reset Current (Note 3)
RESET# = VSS ± 0.3 V, WP# = VIH
15
µA
ICC6
Automatic Sleep Mode (Notes 3, 5)
VIH = VCC ± 0.3 V;
-0.1< VIL ≤ 0.3 V, WP# = VIH
15
µA
VIL
Input Low Voltage 1 (Note 6)
–0.5
0.8
V
VIH
Input High Voltage 1 (Note 6)
0.7 VCC
VCC + 0.5
V
VHH
Voltage for ACC Program
Acceleration
VCC = 2.7 –3.6 V
11.5
12.0
12.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.0
12.5
V
VOL
Output Low Voltage (Note 6)
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 7)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com