Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 33 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 33 Page - SPANSION

Back Button S29GL032A Datasheet HTML 29Page - SPANSION S29GL032A Datasheet HTML 30Page - SPANSION S29GL032A Datasheet HTML 31Page - SPANSION S29GL032A Datasheet HTML 32Page - SPANSION S29GL032A Datasheet HTML 33Page - SPANSION S29GL032A Datasheet HTML 34Page - SPANSION S29GL032A Datasheet HTML 35Page - SPANSION S29GL032A Datasheet HTML 36Page - SPANSION S29GL032A Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
31
Advance
Information
method does not require VID. Refer to the Autoselect Command Sequence section
for more information.
Table 12. Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Group Protection and Unprotection
The hardware sector group protection feature disables both program and erase
operations in any sector group (see Table 11-Table 20). The hardware sector
group unprotection feature re-enables both program and erase operations in pre-
viously protected sector groups. Sector group protection/unprotection can be
implemented via two methods.
Sector protection/unprotection requires VID on the RESET# pin only, and can be
implemented either in-system or via programming equipment. Figure 2 shows
the algorithms and Figure 24 shows the timing diagram. This method uses stan-
dard microprocessor bus cycle timing. For sector group unprotect, all unprotected
sector groups must first be protected prior to the first sector group unprotect
write cycle.
The device is shipped with all sector groups unprotected. Spansion offers the op-
tion of programming and protecting sector groups at its factory prior to shipping
the device through Spansion Programming Service. Contact a Spansion represen-
tative for details.
It is possible to determine whether a sector group is protected or unprotected.
See the Autoselect Mode section for details.
Description
CE# OE#
WE#
A22
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
Model Number
BYTE# =
VIH
BYTE# =
VIL
R1, R2, R8, R9
R3, R4
R5, R6, R7
Manufacturer
ID: Spansion
Products
LL
H
X
X
VID X
L
X
L
L
L
00
X
01h
01h
01h
Cycle 1
LL
H
X
X
VID XLX
L
L
H
22
X
7Eh
7Eh
7Eh
Cycle 2
H
H
L
22
X
0Ch
10h
13h
Cycle 3
H
H
H
22
X
01h
00h (-R4,
bottom boot)
01h (-R3, top
boot)
01h
Cycle 1
LL
H
X
X
VID XLX
LL
H
22
X
7Eh
7Eh
Cycle 2
H
H
L
22
X
1Dh
1Ah
Cycle 3
H
H
H
22
X
00h
00h (-R4,
bottom boot)
01h (-R3,
top boot)
Sector Group
Protection
Verification
LL
H
SA
X
VID XLXL
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon
Sector Indicator
Bit (DQ7), WP#
protects highest
address sector
LL
H
X
X
VID XLXL
H
H
X
X
98h (factory locked),
18h (not factory locked)
Secured Silicon
Sector Indicator
Bit (DQ7), WP#
protects lowest
address sector
LL
H
X
X
VID XLXL
H
H
X
X
88h (factory locked),
08h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com