Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 19 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 19 Page - SPANSION

Back Button S29GL032A Datasheet HTML 15Page - SPANSION S29GL032A Datasheet HTML 16Page - SPANSION S29GL032A Datasheet HTML 17Page - SPANSION S29GL032A Datasheet HTML 18Page - SPANSION S29GL032A Datasheet HTML 19Page - SPANSION S29GL032A Datasheet HTML 20Page - SPANSION S29GL032A Datasheet HTML 21Page - SPANSION S29GL032A Datasheet HTML 22Page - SPANSION S29GL032A Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
17
Advance
Information
Ordering Information-S29GL064A
S29GL064A Standard Products
Standard products are available in several packages and operating ranges. The
order number (Valid Combination) is formed by a combination of the following:
S29GL064A
90
T
A
I
R1
2
PACKING TYPE
0
= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
R1
= x8/x16, VCC=3.0-3.6V, Uniform sector device, highest address
sector protected when WP#/ACC=VIL
R2
= x8/x16, VCC=3.0-3.6V, Uniform sector device, lowest address sector
protected when WP#/ACC=VIL
R3
= x8/x16, VCC=3.0-3.6V, Top boot sector device, top two address
sectors protected when WP#/ACC=VIL
R4
= x8/x16, VCC=3.0-3.6V, Bottom boot sector device, bottom two
address sectors protected when WP#/ACC=VIL
R5
= x16, VCC=3.0-3.6V, Uniform sector device
R6
= x16, VCC=3.0-3.6V, Uniform sector device, highest address sector
protected when WP#=VIL
R7
= x16, VCC=3.0-3.6V, Uniform sector device, lowest address sector
protected when WP#=VIL
R8
= x8/x16, VCC=3.0-3.6V, Uniform sector device, highest address
sector protected when WP#=VIL, TSO48 only
R9
= x8/x16, VCC=3.0-3.6V, Uniform sector device, lowest address sector
protected when WP#=VIL, TSO48 only
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE MATERIAL SET
A= Standard
F= Pb-Free
PACKAGE TYPE
T
= Thin Small Outline Package (TSOP) Standard Pinout
B
= Fine-pitch Ball-Grid Array Package
F
= Fortified Ball-Grid Array Package
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
S29GL064A
64 Megabit Page-Mode Flash Memory Manufactured using 200 nm MirrorBitTM
Process Technology, 3.0 Volt-only Read, Program, and Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com