Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 49 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 49 Page - SPANSION

Back Button S29GL032A Datasheet HTML 45Page - SPANSION S29GL032A Datasheet HTML 46Page - SPANSION S29GL032A Datasheet HTML 47Page - SPANSION S29GL032A Datasheet HTML 48Page - SPANSION S29GL032A Datasheet HTML 49Page - SPANSION S29GL032A Datasheet HTML 50Page - SPANSION S29GL032A Datasheet HTML 51Page - SPANSION S29GL032A Datasheet HTML 52Page - SPANSION S29GL032A Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
47
Advance
Information
bit programming, a modified programming method is required; please contact
your local Spansion representative. Any bit in a write buffer address range
cannot be programmed from “0” back to a “1.” Attempting to do so may
cause the device to set DQ5=1, of cause the DQ7 and DQ6 status bits to indicate
the operation was successful. However, a succeeding read will show that the data
is still “0.” Only erase operations can convert a “0” to a “1.”
Accelerated Program
The device offers accelerated program operations through the WP#/ACC or ACC
pin depending on the particular product. When the system asserts VHH on the
WP#/ACC or ACC pin. The device uses the higher voltage on the WP#/ACC or ACC
pin to accelerate the operation. Note that the WP#/ACC pin must not be at VHH
for operations other than accelerated programming, or device damage may re-
sult. WP# has an internal pullup; when unconnected, WP# is at VIH.
Figure 3 illustrates the algorithm for the program operation. Refer to the Erase
and Program Operations–“AC Characteristics” section on page 67 section for pa-
rameters, and Figure 14 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com