Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL032A Datasheet(PDF) 69 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 69 Page - SPANSION

Back Button S29GL032A Datasheet HTML 65Page - SPANSION S29GL032A Datasheet HTML 66Page - SPANSION S29GL032A Datasheet HTML 67Page - SPANSION S29GL032A Datasheet HTML 68Page - SPANSION S29GL032A Datasheet HTML 69Page - SPANSION S29GL032A Datasheet HTML 70Page - SPANSION S29GL032A Datasheet HTML 71Page - SPANSION S29GL032A Datasheet HTML 72Page - SPANSION S29GL032A Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
67
Advance
Information
AC Characteristics
Read-Only Operations-S29GL064A only
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 28 for test specifications.
Read-Only Operations-S29GL032A only
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 28 for test specifications.
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std.
90
10
11
tAVAV
tRC
Read Cycle Time (Note 1)
Min
90
100
110
ns
tAVQV
tACC
Address to Output Delay
CE#, OE# = VIL
Max
90
100
110
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
100
110
ns
tPACC
Page Access Time
Max
25
30
30
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#, Whichever Occurs
First
Min
0
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std.
90
10
11
tAVAV
tRC
Read Cycle Time (Note 1)
Min
90
100
110
ns
tAVQV
tACC
Address to Output Delay
CE#, OE# = VIL
Max
90
100
110
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
100
110
ns
tPACC
Page Access Time
Max
25
30
30
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
30
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com