Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC769CD Datasheet HTML 1Page - Vishay Siliconix SIC769CD Datasheet HTML 2Page - Vishay Siliconix SIC769CD Datasheet HTML 3Page - Vishay Siliconix SIC769CD Datasheet HTML 4Page - Vishay Siliconix SIC769CD Datasheet HTML 5Page - Vishay Siliconix SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.vishay.com
4
Document Number: 64981
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note:
a. Typical MOSFET Parameters are provided as a design guide.
Note:
a. Min. and Max. are not 100 % production tested.
MOSFET SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VVCIN = VDSBL# = 5 V,
VVIN = 12 V, TA = 25 °C
Min.
Typ.a
Max.
Unit
High Side
VDS
VGS = 0, IDS = 250 µA
20
V
RDS(on)_H
VGH = 5 V, resistance measured
at package pins
6m
Low Side
VDS
VGS = 0, IDS = 250 µA
20
V
RDS(on)_L
VGL = 5 V, resistance measured
at package pins
1.7
m
TIMING SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VVDRV = VVCIN = VDSBL# = 5 V,
VVIN = 12 V, TA = 25 °C
Min.
Typ.
Max.
Unit
Turn Off Propagation Delay
High Sidea
td_on_HS
25 % of PWM to 90 % of GH
10
20
30
ns
Rise Time High Side
tr_HS
10 % to 90 % of GH
8
Fall Time High Side
tf_HS
90 % to 10 % of GH
8
Turn Off Propagation Delay
Low Sidea
td_off_LS
75 % of PWM to 90 % of GL
10
20
30
Rise Time Low Side
tr_LS
10 % to 90 % of GL
8
Fall Time Low Side
tf_LS
90 % to 10 % of GL
8
Dead Time Rising
tdead_on
10 % of GL to 10 % of GH
15
Dead Time Falling
tdead_off
10 % of GH to 10 % of GL
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com