Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC769CD Datasheet HTML 1Page - Vishay Siliconix SIC769CD Datasheet HTML 2Page - Vishay Siliconix SIC769CD Datasheet HTML 3Page - Vishay Siliconix SIC769CD Datasheet HTML 4Page - Vishay Siliconix SIC769CD Datasheet HTML 5Page - Vishay Siliconix SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
SiC769
Document Number: 64981
S11-0975-Rev. F, 16-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Integrated DrMOS Power Stage
DESCRIPTION
The SiC769CD is an integrated solution that contains PWM
optimized n-channel MOSFETs (high side and low side) and
a full featured MOSFET driver IC. The device complies with
the Intel DrMOS standard for desktop and server Vcore power
stages. The SiC769CD delivers up to 35 A continuous output
current and operates from an input voltage range of 3 V to
16 V. The integrated MOSFETs are optimized for output
voltages in the ranges of 0.8 V to 2 V with a nominal input
voltage of 12 V. The device can also deliver very high power
at 5 V output for ASIC applications.
The SiC769CD incorporates an advanced MOSFET gate
driver IC. This IC accepts a single PWM input from the VR
controller and converts it into the high side and low side
MOSFET gate drive signals. The driver IC is designed to
implement the skip mode (SMOD) function for light load
efficiency improvement. Adaptive dead time control also
works to improve efficiency at all load points. The SiC769CD
has a thermal warning (THDN) that alerts the system of
excessive junction temperature. The driver IC includes an
enable pin, UVLO and shoot through protection.
The SiC769CD is optimized for high frequency buck
applications. Operating frequencies in excess of 1 MHz can
easily be achieved.
The SiC769CD is packaged in Vishay Siliconix high
performance PowerPAK MLP6 x 6 package. Compact
co-packaging
of
components
helps
to
reduce
stray
inductance, and hence increases efficiency.
•
FEATURES
•
Integrated Gen III MOSFETs and DrMOS
compliant gate driver IC
•
Enables Vcore switching at 1 MHz
•
Easily achieve > 90 % efficiency in multi-phase,
low output voltage solutions
•
Low ringing on the VSWH pin reduces EMI
•
Pin compatible with DrMOS 6 x 6 version 3.0
•
Tri-state PWM input function prevents negative output
voltage swing
•
5 V logic levels on PWM
•
MOSFET threshold voltage optimized for 5 V driver bias
supply
•
Automatic skip mode operation (SMOD) for light load
efficiency
•
Under-voltage lockout
•
Built-in bootstrap schottky diode
•
Adaptive deadtime and shoot through protection
•
Thermal shutdown warning flag
•
Low profile, thermally enhanced PowerPAK® MLP 6 x 6
40 pin package
•
Halogen-free according to IEC 61249-2-21 definition
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
CPU and GPU core voltage regulation
•
Server, computer, workstation, game console, graphics
boards, PC
SiC769CD APPLICATION DIAGRAMM
Figure 1
SiC769CD
VCIN
SMOD
DSBL#
PWM
THDN
PHASE
VSWH
BOOT
VIN
5 V
VO


Similar Part No. - SIC769CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC769CD-T1-E3 VISHAY-SIC769CD-T1-E3 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
More results

Similar Description - SIC769CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
Integrated DrMOS Power Stage
21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
DrMOS Integrated Power Stage
10-Jun-13
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
Integrated DrMOS Power Stage
08-Feb-10
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
Integrated DrMOS Power Stage
04-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com