Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC769CD Datasheet HTML 9Page - Vishay Siliconix SIC769CD Datasheet HTML 10Page - Vishay Siliconix SIC769CD Datasheet HTML 11Page - Vishay Siliconix SIC769CD Datasheet HTML 12Page - Vishay Siliconix SIC769CD Datasheet HTML 13Page - Vishay Siliconix SIC769CD Datasheet HTML 14Page - Vishay Siliconix SIC769CD Datasheet HTML 15Page - Vishay Siliconix SIC769CD Datasheet HTML 16Page - Vishay Siliconix SIC769CD Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Document Number: 64981
S11-0975-Rev. F, 16-May-11
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix
SiC769
ELECTRICAL CHARACTERISTICS
Startup at VIN = 12 V, VOUT = 1.2 V,
FS = 1 MHz, IOUT = 30 A
Disable SMOD at VIN = 12 V, VOUT = 1.2 V, FS = 1 MHz
Driver Performance at VIN = 12 V, VOUT = 1.2 V,
FS = 1 MHz, IOUT = 10 A
VIN
VOUT
VCIN
lind
SMOD
VSW
VSW
GH
GL
PWM
Power Off at VIN = 12 V, VOUT = 1.2 V,
FS = 1 MHz, IOUT = 30 A
Enable SMOD at VIN = 12 V, VOUT = 1.2 V, FS = 1 MHz
Driver Performance at VIN = 12 V, VOUT = 1.2 V,
FS = 1 MHz, IOUT = 10 A
VIN
VOUT
VCIN
lind
SMOD
VSW
VSW
GH
GL
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com