Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC769CD Datasheet HTML 1Page - Vishay Siliconix SIC769CD Datasheet HTML 2Page - Vishay Siliconix SIC769CD Datasheet HTML 3Page - Vishay Siliconix SIC769CD Datasheet HTML 4Page - Vishay Siliconix SIC769CD Datasheet HTML 5Page - Vishay Siliconix SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.vishay.com
2
Document Number: 64981
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note:
a. TA = 25 °C and all voltages referenced to PGND = CGND unless otherwise noted.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
Note:
a. Recommended operating conditions are specified over the entire temperature range, and all voltages referenced to PGND = CGND unless
otherwise noted.
ORDERING INFORMATION
Part Number
Package
SiC769CD-T1-E3
PowerPAK MLP66-40
SiC769DB
Reference board
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
- 0.3
20
V
Switch Node Voltage (DC)
VSW
- 0.3
20
Drive Input Voltage
VDRV
- 0.3
7
Control Input Voltage
VCIN
- 0.3
7
Logic Pins
VPWM, VDSBL#,
VTHDN, VSMOD
- 0.3
VCIN + 0.3
Boot Voltage DC (referenced to CGND)
VBS
- 0.3
27
Boot Voltage < 200 ns Transient (referenced to CGND)
- 0.3
29
Boot to Phase Voltage DC
VBS_PH
- 0.3
7
Boot to Phase Voltage < 200 ns
- 0.3
9
Ambient Temperature Range
TA
- 40
125
Maximum Junction Temperature
TJ
150
°C
Storage Junction Temperature
TSTG
- 65
150
Soldering Peak Temperature
260
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
312
16
V
Control Input Voltage
VCIN
4.5
5.5
Drive Input Voltage
VDRV
4.5
5.5
Switch Node
VSW_DC
12
16
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Power Dissipation at TPCB = 25 °C
PD_25C
25
W
Maximum Power Dissipation at TPCB = 100 °C
PD_100C
10
Thermal Resistance from Junction to Top
Rth_J_TOP
15
°C/W
Thermal Resistance from Junction to PCB
Rth_J_PCB
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com