Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC769CD Datasheet HTML 4Page - Vishay Siliconix SIC769CD Datasheet HTML 5Page - Vishay Siliconix SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix SIC769CD Datasheet HTML 10Page - Vishay Siliconix SIC769CD Datasheet HTML 11Page - Vishay Siliconix SIC769CD Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.vishay.com
8
Document Number: 64981
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Figure 5 - PowerPAK MLP 6 x 6 40P Pin Out - Top View
VIN
P2
AGND
P1
VSWH
P3
30 VSWH
29 VSWH
28 PGND
27 PGND
26 PGND
25 PGND
24 PGND
23 PGND
22 PGND
21 PGND
SMOD 1
VCIN 2
VDRV 3
BOOT 4
CGND 5
GH 6
PHASE 7
VIN 8
VIN 9
VIN 10
PIN DESCRIPTION
Pin Number
Symbol
Description
1
SMOD
Disable low side gate operation. Active low.
2VCIN
This will be the bias supply input for control IC (5 V).
3VDRV
IC bias supply and gate drive supply voltage (5 V).
4
BOOT
High side driver bootstrap voltage pin for external bootstrap capacitor.
5, 37, PAD1
CGND
Control signal ground. It should be connected to PGND externally. All pins internally connected.
6
GH
Gate signal output pin for high side MOSFET. Pin for monitoring.
7
PHASE
Return pin for the HS bootstrap capacitor. Connect a 0.1 µF ceramic capacitor from this pin to the boot pin (4).
8 to 14, PAD2
VIN
Input voltage for power stage. It is the drain of the high-side MOSFET.
15, 29 to 35,
PAD3
VSWH
It is the phase node between high side MOSFET source and low side MOSFET drain. It should be connected
to an output inductor. All pins internally connected.
16 to 28
PGND
Power ground.
36
GL
Gate signal output pin for low side MOSFET. Pin for monitoring.
38
THDN
Thermal shutdown open drain output. Use a 10K pull up resistor to VCIN.
39
DSBL#
Disable pin. Active low.
40
PWM
PWM input logic signal. Compatible with Tristate controller function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com