Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC769CD Datasheet(PDF) 17 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button SIC769CD Datasheet HTML 10Page - Vishay Siliconix SIC769CD Datasheet HTML 11Page - Vishay Siliconix SIC769CD Datasheet HTML 12Page - Vishay Siliconix SIC769CD Datasheet HTML 13Page - Vishay Siliconix SIC769CD Datasheet HTML 14Page - Vishay Siliconix SIC769CD Datasheet HTML 15Page - Vishay Siliconix SIC769CD Datasheet HTML 16Page - Vishay Siliconix SIC769CD Datasheet HTML 17Page - Vishay Siliconix SIC769CD Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 12-Jan-15
1
Document Number: 64846
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® MLP66-40 Case Outline
Notes
1. Use millimeters as the primary measurement
2. Dimensioning and tolerances conform to ASME Y14.5M. - 1994
3. N is the number of terminals. Nd is the number of terminals in X-direction and Ne is the number of terminals in Y-direction
4. Dimension b applies to plated terminal and is measured between 0.20 mm and 0.25 mm from terminal tip
5. The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
6. Exact shape and size of this feature is optional
7. Package warpage max. 0.08 mm
8. Applied only for terminals
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.078
0.098
0.011
D
6.00 BSC
0.236 BSC
e
0.50 BSC
0.019 BSC
E
6.00 BSC
0.236 BSC
L
0.35
0.40
0.45
0.013
0.015
0.017
N (3)
40
40
Nd (3)
10
10
Ne (3)
10
10
D2-1
1.45
1.50
1.55
0.057
0.059
0.061
D2-2
1.45
1.50
1.55
0.057
0.059
0.061
D2-3
2.35
2.40
2.45
0.095
0.094
0.096
E2-1
4.35
4.40
4.45
0.171
0.173
0.175
E2-2
1.95
2.00
2.05
0.076
0.078
0.080
E2-3
1.95
2.00
2.05
0.076
0.078
0.080
K1
0.73 BSC
0.028 BSC
K2
0.21 BSC
0.008 BSC
ECN: T14-0826-Rev. B, 12-Jan-15
DWG: 5986
40
1
2 x
2 x
Pin 1 dot
by marking
MLP66-40
(6 mm x 6 mm)
10
11
20
21
30
31
56
Top View
Bottom View
Side View
A
B
C
D
0.10 C B
0.10 C A
A
0.08 C
A1
A2
0.41
K2
K1
D2-1
D2-3
D2-2
(Nd-1)X e
ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com