Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2449 Datasheet HTML 1Page - Semtech Corporation SC2449 Datasheet HTML 2Page - Semtech Corporation SC2449 Datasheet HTML 3Page - Semtech Corporation SC2449 Datasheet HTML 4Page - Semtech Corporation SC2449 Datasheet HTML 5Page - Semtech Corporation SC2449 Datasheet HTML 6Page - Semtech Corporation SC2449 Datasheet HTML 7Page - Semtech Corporation SC2449 Datasheet HTML 8Page - Semtech Corporation SC2449 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2449
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
B
F.
1
l
e
n
n
a
h
c
r
o
f
k
c
a
b
d
e
e
F
21
P
M
O
C.
1
l
e
n
n
a
h
c
r
o
f
n
o
i
t
a
s
n
e
p
m
o
C
3C
N.
n
o
i
t
c
e
n
n
o
c
o
N
4G
B.
e
c
n
a
d
e
p
m
i
e
c
r
u
o
s
K
3
,
s
r
e
i
f
il
p
m
a
r
o
r
r
e
r
o
f
e
c
n
e
r
e
f
e
r
V
1
52
B
F.
2
l
e
n
n
a
h
c
r
o
f
k
c
a
b
d
e
e
F
62
P
M
O
C.
2
l
e
n
n
a
h
c
r
o
f
n
o
i
t
a
s
n
e
p
m
o
C
7V
R
D
G
E
R.
r
o
t
s
i
s
n
a
r
t
s
s
a
p
l
a
n
r
e
t
x
e
r
o
f
e
v
i
r
d
r
o
t
a
l
u
g
e
R
8E
L
B
A
N
E.
e
l
b
a
s
i
d
o
t
d
n
u
o
r
g
o
t
t
c
e
n
n
o
c
,
V
5
0
.
2
s
i
d
l
o
h
s
e
r
h
t
e
l
b
a
n
E
92
E
S
A
H
P.
2
l
e
n
n
a
h
c
r
o
f
t
u
p
n
i
e
d
o
n
e
s
a
h
P
0
12
H
V
R
D.
2
l
e
n
n
a
h
c
e
d
i
s
h
g
i
h
r
o
f
e
v
i
r
d
e
t
a
G
1
12
H
T
S
B.
2
l
e
n
n
a
h
c
e
d
i
s
h
g
i
h
r
o
f
t
u
p
n
i
p
a
r
t
s
t
o
o
B
2
12
L
V
R
D.
2
l
e
n
n
a
h
c
e
d
i
s
w
o
l
r
o
f
e
v
i
r
d
e
t
a
G
3
12
L
T
S
B.
2
l
e
n
n
a
h
c
e
d
i
s
w
o
l
r
o
f
y
l
p
p
u
S
4
1C
C
V.
y
l
p
p
u
s
r
e
w
o
p
C
I
d
e
t
a
l
u
g
e
r
-
e
r
P
5
11
L
T
S
B.
1
l
e
n
n
a
h
c
e
d
i
s
w
o
l
r
o
f
y
l
p
p
u
S
6
11
L
V
R
D.
1
l
e
n
n
a
h
c
e
d
i
s
w
o
l
r
o
f
e
v
i
r
d
e
t
a
G
7
11
H
T
S
B.
1
l
e
n
n
a
h
c
e
d
i
s
h
g
i
h
r
o
f
t
u
p
n
i
p
a
r
t
s
t
o
o
B
8
11
H
V
R
D.
1
l
e
n
n
a
h
c
e
d
i
s
h
g
i
h
r
o
f
e
v
i
r
d
e
t
a
G
9
11
E
S
A
H
P.
1
l
e
n
n
a
h
c
e
d
i
s
h
g
i
h
r
o
f
t
u
p
n
i
e
d
o
n
e
s
a
h
P
0
2D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
1
2+
C
O.
t
u
p
n
i
g
n
i
t
r
e
v
n
i
r
o
t
a
r
a
p
m
o
c
t
n
e
r
r
u
c
r
e
v
O
2
22
-
C
O.
2
l
e
n
n
a
h
c
r
o
f
t
u
p
n
i
g
n
i
t
r
e
v
n
i
-
n
o
n
r
o
t
a
r
a
p
m
o
c
t
n
e
r
r
u
c
r
e
v
O
3
21
-
C
O.
1
l
e
n
n
a
h
c
r
o
f
t
u
p
n
i
g
n
i
t
r
e
v
n
i
-
n
o
n
r
o
t
a
r
a
p
m
o
c
t
n
e
r
r
u
c
r
e
v
O
4
2K
L
C
T
X
E
.
t
n
e
s
e
r
p
s
i
l
a
n
g
i
s
d
il
a
v
a
n
e
h
w
t
u
p
n
i
s
i
h
t
o
t
s
k
c
o
l
r
e
t
r
e
v
n
o
c
,
k
c
o
l
c
l
a
n
r
e
t
x
E
5
2T
U
O
K
L
C
.
s
r
e
t
r
e
v
n
o
c
r
e
h
t
o
r
o
f
l
a
n
g
i
s
g
n
i
z
i
n
o
r
h
c
n
y
s
e
d
i
v
o
r
p
o
t
e
v
i
r
d
l
e
v
e
l
c
i
g
o
l
,
t
u
o
k
c
o
l
C
6
2C
N.
n
o
i
t
c
e
n
n
o
c
o
N
7
2D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
8
2F
E
R
R
.
r
o
t
a
r
e
n
e
g
p
m
a
r
d
n
a
r
o
t
a
ll
i
c
s
o
l
a
n
r
e
t
n
i
r
o
f
r
o
t
s
i
s
e
r
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
x
E
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com