Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2449 Datasheet HTML 12Page - Semtech Corporation SC2449 Datasheet HTML 13Page - Semtech Corporation SC2449 Datasheet HTML 14Page - Semtech Corporation SC2449 Datasheet HTML 15Page - Semtech Corporation SC2449 Datasheet HTML 16Page - Semtech Corporation SC2449 Datasheet HTML 17Page - Semtech Corporation SC2449 Datasheet HTML 18Page - Semtech Corporation SC2449 Datasheet HTML 19Page - Semtech Corporation SC2449 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2449
Good layout is necessary for successful implementa-
tion of the SC2449 bi-phase/dual controller. Important
layout guidelines are listed below.
1). The high power parts should be laid out first. The para-
sitic inductance of the pulsating power current loop (start
from positive end of the input capacitor, to top MOS.ET,
then to bottom MOS.ET back to power ground) must be
minimized. The high frequency input capacitors and top
MOS.ETs should be close to each other. The freewheel-
ing Schottky diode, the bottom MOS.ET snubber, and
the bottom MOS.ET should be placed close to each other.
The MOS.ET gate drive and current sense loop areas
should be minimized. The gate drive trace should be
short and wide.
2). The layout of the two phases should be made as sym-
metrical as possible. The SC2449 controller should be
placed in the center of the two phases. Please see evalu-
ation board layout as an example.
3). Separate ground planes for analog and power should
be provided. Power current should avoid running over
the analog ground plane. The AGND is star connected to
the PGND at the converter output to provide best pos-
sible ground sense. Refer to the application schematics,
certain components should be connected directly to the
AGND.
4). If a multi-layer PCB is used, power layer and ground
layer are recommended to be adjacent to each other.
Typically the power layer is on the top, followed by the
ground layer. This results in the least parasitic inductance
in the MOS.ET-capacitor power loop, and reduces the
ringing on the phase node. The rest of the layers could
be used to run DC supply traces and signal traces.
An example of a two-layer PCB layout is given below to
illustrate these layout principles.
Control Loop Design (Cont.)
ma g i
()
F
i
10
10 0
1 10
3
1 10
4
1 10
5
1 10
6
50
0
50
10 0
L oop G ain M ag ( dB )
ph a s e i
()
F
i
10
10 0
1 10
3
1 10
4
1 10
5
1 10
6
18 0
13 5
90
45
0
L oop G ain P h ase ( D eg r ee)
Layout Guidelines
Fig. 2. Bode plot of the loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com