Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2449 Datasheet HTML 10Page - Semtech Corporation SC2449 Datasheet HTML 11Page - Semtech Corporation SC2449 Datasheet HTML 12Page - Semtech Corporation SC2449 Datasheet HTML 13Page - Semtech Corporation SC2449 Datasheet HTML 14Page - Semtech Corporation SC2449 Datasheet HTML 15Page - Semtech Corporation SC2449 Datasheet HTML 16Page - Semtech Corporation SC2449 Datasheet HTML 17Page - Semtech Corporation SC2449 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2449
Electrical Characteristic Curves (Cont.)
Start-up (Vin = 24V, Vout = 3.3V, Load Current = 5A/phase)
ch1: Vout
Theory of Operation
The SC2449 employs a voltage mode control with feed
forward to provide fast output response to load and line
transients.
The SC2449 has two outputs, which can be used to gen-
erate two separate supply voltages or can be combined
in bi-phase operation to generate one single supply volt-
age. The internal reference is trimmed to 1 V with +/-1%
accuracy, and the outputs voltages can be adjusted by
two external resistors. In bi-phase operation, the dual
switching regulators are operated 180° out of phase.
Load current sharing between phases is normally re-
quired, and this can be achieved by using precise feed-
back voltage divider resistors (typically 0.1%) to match
individual phase output voltage. In addition, small droop-
ing resistors ( could be PCB traces) are employed at the
output of each phase to enhance phase current balance.
PWM Control
Changes on the output voltages are fed to the inverting
input of the Error Amplifiers, by the .B1 and .B2 pins,
and compared with the internal 1 V reference. The com-
pensation to the transconductance amplifier is achieved
by connecting a capacitor in series with a resistor from
the COMP1 and COMP2 pins to AGND respectively. The
error signal from the error amplifier is compared to the
saw tooth waveform by the PWM comparator, and
Oscillator .requency Selection
The sawtooth signal is generated by charging an internal
capacitor with a current source. The charge current is
set by an external resistor connected from the RRE. pin
to AGND. The oscillator frequency and the external resis-
tance follow an inversely proportional relationship.
.eed .orward
The SC2449 incorporates a voltage feed forward scheme
to improve line transient immunity when changes of the
input voltage occur. As the input voltage changes, the
ramp valley to peak voltage of the internal oscillator fol-
lows this change instantly. As a result the output voltage
will have minimum disturbance due to the input line
change.
matched timing signal is generated to control the upper
and lower gate drives of the two phases. A single Ramp
signal is used to generate the control signals for both of
phases, hence the maximum duty cycle is less than 50%.
Synchronized Operation
The internal oscillator can be synchronized to an exter-
nal clock operating in the range of 270 kHz to 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com