Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2449 Datasheet HTML 8Page - Semtech Corporation SC2449 Datasheet HTML 9Page - Semtech Corporation SC2449 Datasheet HTML 10Page - Semtech Corporation SC2449 Datasheet HTML 11Page - Semtech Corporation SC2449 Datasheet HTML 12Page - Semtech Corporation SC2449 Datasheet HTML 13Page - Semtech Corporation SC2449 Datasheet HTML 14Page - Semtech Corporation SC2449 Datasheet HTML 15Page - Semtech Corporation SC2449 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2449
Electrical Characteristic Curves (Cont.)
Start-up (Vin = 24V, Vout1 = 5.0V/12A, Vout2 = 3.3V /18A)
ch1: Vout5.0V; ch2: Vout3.3V
Bi-Phase Operation (Vout = 3.3V, Max. Load Current = 20A)
Overall System Efficiency vs. iLoad
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
0
5
10
15
20
Load Current (A)
Overall Efficiency
Efficiency in Bi-Phase Application Circuit (3.3V/20A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com