Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2449 Datasheet HTML 12Page - Semtech Corporation SC2449 Datasheet HTML 13Page - Semtech Corporation SC2449 Datasheet HTML 14Page - Semtech Corporation SC2449 Datasheet HTML 15Page - Semtech Corporation SC2449 Datasheet HTML 16Page - Semtech Corporation SC2449 Datasheet HTML 17Page - Semtech Corporation SC2449 Datasheet HTML 18Page - Semtech Corporation SC2449 Datasheet HTML 19Page - Semtech Corporation SC2449 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2449
The control model of SC2449 can be depicted in .ig. 1.
This model can also be used in a Spice kind of simulator
to generate loop gain Bode plots. The bandgap refer-
ence is 1 V and trimmed to +/-1% accuracy. The de-
sired output voltage can be achieved by setting the re-
sistive divider network, R1 and R2.
The error amplifier is transconductance type with fixed
gain of:
+
-
Vbg
C
R
+
-
Vin
Co
Rc
Ro
L
R2
R1
+
-
Error-Amp
0
0
0
0
0
Gpwm
Verror
Duty
. . . .
G error .
.
V
A
0.002 ⋅
The task here is to properly choose the compensation
network for a nicely shaped loop-gain Bode plot. The
following design procedures are recommended to accom-
plish the goal:
(1) Calculate the corner frequency of the output filter:
. o
1
2 π
.
L C o
.
.
(2) Calculate the ESR zero frequency of the output filter
capacitor:
. esr
1
2 π
. R c
.
C o
.
(3) Check that the ESR zero frequency is not too high.
. ers
. sw
5
<
If this condition is not met, the compensation structure
may not provide loop stability. The solution is to add
some electrolytic capacitors to the output capacitor bank
to correct the output filter corner frequency and the ESR
zero frequency. In some cases, the filter inductance may
also need to be adjusted to shift the filter corner fre-
quency. It is not recommended to use only high frequency
multi-layer ceramic capacitors for output filter.
. . . .
T o G error Vin G pwm R
.
R 2
R 1 R 2
.
.
.
Control Loop Design
Fig. 1. SC2449 control model.
The compensation network includes a resistor and a ca-
pacitor in series, which terminates from the output of
the error amplifier to the ground.
This device uses voltage mode control with input voltage
feed forward. The peak-to-peak ramp voltage is propor-
tional to the input voltage, which results in an excellent
performance to reject input voltage variation. The PWM
gain is inversion of the ramp amplitude, and this gain is
given by:
G pwm
1
V ramp
where the ramp amplitude (peak-to-peak) is 3 volts when
input voltage is 24 volts.
The total control loop-gain can then be derived as fol-
lows:
Ts
() T o
1s R
. C
.
sR
. C
.
.
1s R c
.
C o
.
1s R c C o
.
L
R o
.
s
2
L
. C
o
.
1
R c
R o
.
.
where
(4) Choose the loop gain cross over frequency (0 dB fre-
quency). It is recommended that the crossover frequency
is always less than one fifth of the switching frequency
or the output ripple frequency in bi-phase mode
operation:
.x_over
. sw
5
If the transient specification is not stringent, it is better
to choose a crossover frequency that is less than one
tenth of the switching frequency for good noise immu-
nity. The resistor in the compensation network can then
be calculated as:
R
1
G pwm V in
.
G error
.
F esr
F o
2
.
F x_over
F esr
.
V o
V bg
.
when:
. o . esr
<
. x_over
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com